| Zakładka z wyszukiwarką danych komponentów |
|
WM8281ECS/R Arkusz danych(PDF) 254 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8281ECS/R Arkusz danych(HTML) 254 Page - Cirrus Logic |
|
254 / 392 page ![]() WM8281 254 Rev 4.0 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 7 ISRC2_CFG_ER R_EINT2 0 ISRC2 Configuration Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 6 ISRC3_CFG_ER R_EINT2 0 ISRC3 Configuration Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 5 HP3R_DONE_EI NT2 0 HPOUT3R Enable Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 4 HP3L_DONE_EI NT2 0 HPOUT3L Enable Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 3 HP2R_DONE_EI NT2 0 HPOUT2R Enable Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 2 HP2L_DONE_EI NT2 0 HPOUT2L Enable Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 1 HP1R_DONE_EI NT2 0 HPOUT1R Enable Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 0 HP1L_DONE_EI NT2 0 HPOUT1L Enable Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. R3348 (0D14h) IRQ2 Status 5 8 BOOT_DONE_EI NT2 0 Boot Done Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 5 ADC_OVERFLO W_EINT2 0 ADC Overflow Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 4 ADC_FIFO_OU_ EINT2 0 ADC FIFO Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 3 ASRC_CFG_ER R_EINT2 0 ASRC Configuration Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 1 FLL2_CLOCK_O K_EINT2 0 FLL2 Clock OK Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 0 FLL1_CLOCK_O K_EINT2 0 FLL1 Clock OK Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. R3349 (0D15h) IRQ2 Status 6 15 DSP_SHARED_ WR_COLL_EINT 2 0 DSP Shared Memory Collision Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 14 SPK_SHUTDOW N_EINT2 0 Speaker Shutdown Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 13 SPKOUTR_SHO RT_EINT2 0 SPKOUTR Short Circuit Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 12 SPKOUTL_SHO RT_EINT2 0 SPKOUTL Short Circuit Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. |