| Zakładka z wyszukiwarką danych komponentów |
|
WM8281ECS/R Arkusz danych(PDF) 255 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8281ECS/R Arkusz danych(HTML) 255 Page - Cirrus Logic |
|
255 / 392 page ![]() WM8281 Rev 4.0 255 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 11 HP3R_SC_NEG_ EINT2 0 HPOUT3R Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 10 HP3R_SC_POS_ EINT2 0 HPOUT3R Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 9 HP3L_SC_NEG_ EINT2 0 HPOUT3L Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 8 HP3L_SC_POS_ EINT2 0 HPOUT3L Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 7 HP2R_SC_NEG_ EINT2 0 HPOUT2R Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 6 HP2R_SC_POS_ EINT2 0 HPOUT2R Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 5 HP2L_SC_NEG_ EINT2 0 HPOUT2L Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 4 HP2L_SC_POS_ EINT2 0 HPOUT2L Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 3 HP1R_SC_NEG_ EINT2 0 HPOUT1R Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 2 HP1R_SC_POS_ EINT2 0 HPOUT1R Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 1 HP1L_SC_NEG_ EINT2 0 HPOUT1L Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 0 HP1L_SC_POS_ EINT2 0 HPOUT1L Short Circuit Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. R3352 (0D18h) to R3357 (0D1Dh) IM_* (see note) For each *_EINT2 interrupt register in R3344 to R3349, a corresponding mask bit (IM_*) is provided in R3352 to R3357. The mask bits are coded as: 0 = Do not mask interrupt 1 = Mask interrupt Note : The BOOT_DONE_EINT2 interrupt is ‘0’ (un-masked) by default; all other interrupts are ‘1’ (masked) by default. R3359 (0D1Fh) IRQ2 Control 0 IM_IRQ2 0 IRQ2 Output Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. R3410 (0D52h) AOD IRQ2 7 MICD_CLAMP_F ALL_EINT2 0 MICDET Clamp Interrupt (Falling edge triggered) Note: Cleared when a ‘1’ is written. 6 MICD_CLAMP_R ISE_EINT2 0 MICDET Clamp Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. |