| Zakładka z wyszukiwarką danych komponentów |
|
ISD231X Arkusz danych(PDF) 8 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
ISD231X Arkusz danych(HTML) 8 Page - OSRAM GmbH |
|
8 / 16 page ![]() ISD201X, ISD231X, ISD235X 2006-04-04 8 Peak Column Current vs. Column Voltage, ISD201X Recommended Operating Conditions (Guaranteed over operating temperature range) Parameter Symbol Min. Nom. Max. Units Supply Voltage V CC 4.75 5.0 5.25 V Data Out Current, Low State IOL — — — mA Data Out Current, High State I OH — — — mA Column Input Voltage, Column On * VCOL 2.75 — 3.5 V Setup Time TSETUP 70 45 — ns Hold Time T HOLD 30 — — ns Width of Clock TW(CLK) 75 — — ns Clock Frequency TCLK — — 5.0 MHz Clock Transition Time T THL — — 200 ns Free Air Operating Temperature Range T A –55 — +100 °C * See Figures „Peak Column Current vs. Column Voltage“ IDDG5124 0 0 COL V COL I 1 23 4 5 6 V 100 200 300 400 500 600 mA 2010 2011/2012/2013 Peak Column Current vs. Column Voltage, ISD231X IDDG5125 0 0 COL V COL I 1 23 4 5 6 V 100 200 300 400 500 600 mA ISD2310 ISD2311/2/3 Peak Column Current vs. Column Voltage, ISD235X IDDG5126 0 0 COL V COL I 1 23 4 5 6 V 100 200 300 400 500 600 mA |