| Zakładka z wyszukiwarką danych komponentów |
|
ISD231X Arkusz danych(PDF) 2 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
ISD231X Arkusz danych(HTML) 2 Page - OSRAM GmbH |
|
2 / 16 page ![]() 2006-04-04 2 ISD201X, ISD231X, ISD235X Ordering Information Type Color of Emission Character Height mm (inch) Ordering Code ISD2351 ISD2352 ISD2353 yellow high efficiency red high efficiency green 5.08 (0.200) Q68000A8142 Q68000A8143 Q68000A8144 ISD2010 ISD2011 ISD2012 ISD2013 red yellow high efficiency red high efficiency green 3.81 (0.150) Q68000A8134 Q68000A8135 Q68000A8136 Q68000A8137 ISD2310 ISD2311 ISD2312 ISD2313 red yellow high efficiency red high efficiency green 5.08 (0.200) Q68000A8138 Q68000A8139 Q68000A8140 Q68000A8141 Maximum Ratings Parameter Symbol Value Unit Operating temperature range 1) Top -55 to +100 °C Storage temperature range Tstg -65 to +125 °C Supply voltage V CC to GND VCC -0.5 to 7.0 V Inputs, data out and V B -0.5 to V CC +0.5 V Column input voltage V COL -0.5 to 6.0 V Solder temperature 1.59 mm (0.063“) below seating plane, t < 5.0 s T s 260 °C Allowable power dissipation, T A=25°C 2) ISD2010 ISD2011 / ISD2012 / ISD2013 ISD231X ISD235X P tot Ptot Ptot P tot 0.91 0.86 1.10 1.35 W W W W |