Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LEBH3A Arkusz danych(PDF) 15 Page - OSRAM GmbH

Numer części LEBH3A
Szczegółowy opis  Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBH3A Arkusz danych(HTML) 15 Page - OSRAM GmbH

Back Button LEBH3A Datasheet HTML 8Page - OSRAM GmbH LEBH3A Datasheet HTML 9Page - OSRAM GmbH LEBH3A Datasheet HTML 10Page - OSRAM GmbH LEBH3A Datasheet HTML 11Page - OSRAM GmbH LEBH3A Datasheet HTML 12Page - OSRAM GmbH LEBH3A Datasheet HTML 13Page - OSRAM GmbH LEBH3A Datasheet HTML 14Page - OSRAM GmbH LEBH3A Datasheet HTML 15Page - OSRAM GmbH LEBH3A Datasheet HTML 16Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
LE T H3A, LE B H3A
2008-07-07
15
Anm.: Gemäß IEC 60825-1 (EN 60825-1) gilt für true green:
Note: According IEC 60825-1 (EN 60825-1) for true green:
Anm.: Gemäß IEC 60825-1 (EN 60825-1) gilt für blau:
Note: According IEC 60825-1 (EN 60825-1) for blue:
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
10) page 16 may only be used in life-support devices or systems11) page 16 with the express written approval of
OSRAM OS.
Revision History:
2008-07-07
Previous Version:
2007-01-29
Page
Subjects (major changes since last revision)
Date of change
all
Product Discontinuation OS-PD-2008-008
2008-07-07
OHW02884
LED RADIATION
DO NOT VIEW DIRECTLY
WITH OPTICAL INSTRUMENTS
CLASS 1M LED PRODUCT
OHW12884
LED STRAHLUNG
NICHT DIREKT MIT OPTISCHEN
INSTRUMENTEN BETRACHTEN
LED KLASSE 1M
OHW02885
LED RADIATION
DO NOT STARE INTO BEAM
CLASS 2 LED PRODUCT
OHW12885
LED STRAHLUNG
NICHT DIREKT IN
LED KLASSE 2
DEN STRAHL BLICKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16