| Zakładka z wyszukiwarką danych komponentów |
|
ATmega48PB-MN Arkusz danych(PDF) 6 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega48PB-MN Arkusz danych(HTML) 6 Page - ATMEL Corporation |
|
6 / 25 page ![]() 3. Ordering Information 3.1. ATmega48PB Speed [MHz](3) Power Supply [V] Ordering Code(2) Package(1) Operational Range 20 1.8 - 5.5 ATmega48PB-AU ATmega48PB-AUR(4) ATmega48PB-MU ATmega48PB-MUR(4) 32A 32A 32MS1 32MS1 Industrial (-40°C to +85°C) ATmega48PB-AN ATmega48PB-ANR(4) ATmega48PB-MN ATmega48PB-MNR(4) 32A 32A 32MS1 32MS1 Industrial (-40°C to +105°C) Note: 1. This device can also be supplied in wafer form. Contact your local Atmel sales office for detailed ordering information and minimum quantities. 2. Pb-free packaging complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green. 3. See ”Speed Grades” on page 304. 4. Tape & Reel. Package Type 32A 32-lead, Thin (1.0mm) Plastic Quad Flat Package (TQFP) 32MS1 32-pad, 5.0x5.0x0.9mm body, Lead Pitch 0.50mm, Very-thin Fine pitch, Quad Flat No Lead Package (VFQFN) 3.2. ATmega88PB Speed [MHz](3) Power Supply [V] Ordering Code(2) Package(1) Operational Range 20 1.8 - 5.5 ATmega88PB-AU ATmega88PB-AUR(4) ATmega88PB-MU ATmega88PB-MUR(4) 32A 32A 32MS1 32MS Industrial (-40°C to +85°C) ATmega88PB-AN ATmega88PB-ANR(4) ATmega88PB-MN ATmega88PB-MNR(4) 32A 32A 32MS1 32MS1 Industrial (-40°C to +105°C) Note: 1. This device can also be supplied in wafer form. Contact your local Atmel sales office for detailed ordering information and minimum quantities. 2. Pb-free packaging complies to the European Directive for Restriction of Hazardous Substances (RoHS directive).Also Halide free and fully Green. 3. See ”Speed Grades” on page 304. Atmel ATmega48PB/88PB/168PB [DATASHEET] Atmel-42176G-ATmega48PB/88PB/168PB_Datasheet_Summary-03/2016 6 |