| Zakładka z wyszukiwarką danych komponentów |
|
WM8753LEB/V Arkusz danych(PDF) 4 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8753LEB/V Arkusz danych(HTML) 4 Page - Wolfson Microelectronics plc |
|
4 / 87 page ![]() Advanced Information WM8753L w AI Rev 3.1 June 2004 4 PIN CONFIGURATION - QFN PIN CONFIGURATION - BGA WM8753LEFL 47 46 45 48 44 43 42 41 40 39 38 37 14 15 16 13 17 18 19 20 21 22 23 24 1 2 3 4 5 6 7 8 9 10 11 12 36 35 34 33 32 31 30 29 28 27 26 25 LINE2 VXDOUT LINE1 ACOP MICBIAS VMID VREF AGND AVDD MONO1 MONO2 SPKRVDD VXCLK VXFS LRC BCLK ADCDAT DACDAT MCLK DBVDD DCVDD DGND PCMCLK ACIN ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8753LGEFL/V -25 °C to +85°C 48-pin QFN (7x7x0.9mm) (lead free) MSL3 260 oC WM8753LGEFL/RV -25 °C to +85°C 48-pin QFN (7x7x0.9mm) (lead free, tape and reel) MSL3 260 oC WM8753LEB/V -25 °C to +85°C 52-pin BGA (5x5x0.9mm) MSL3 240 oC WM8753LEB/RV -25 °C to +85°C 52-pin BGA (5x5x0.9mm) (tape and reel) MSL3 240 oC Note: QFN Reel quantity = 2,200 BGA Reel quantity = 3,500 |