Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VS-GT100TP120N Arkusz danych(PDF) 4 Page - Vishay Siliconix

Numer części VS-GT100TP120N
Szczegółowy opis  Half Bridge IGBT Power Module, 1200 V, 100 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-GT100TP120N Arkusz danych(HTML) 4 Page - Vishay Siliconix

  VS-GT100TP120N Datasheet HTML 1Page - Vishay Siliconix VS-GT100TP120N Datasheet HTML 2Page - Vishay Siliconix VS-GT100TP120N Datasheet HTML 3Page - Vishay Siliconix VS-GT100TP120N Datasheet HTML 4Page - Vishay Siliconix VS-GT100TP120N Datasheet HTML 5Page - Vishay Siliconix VS-GT100TP120N Datasheet HTML 6Page - Vishay Siliconix VS-GT100TP120N Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VS-GT100TP120N
www.vishay.com
Vishay Semiconductors
Revision: 11-Jun-15
4
Document Number: 93800
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 6 - IGBT Transient Thermal Impedance
Fig. 7 - Diode Forward Characteristics
Fig. 8 - Diode Switching Loss vs. IF
Fig. 9 - Diode Switching Loss vs. RG
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
IGBT
t (s)
0
25
50
75
100
125
150
175
200
0
0.5
1
1.5
2
2.5
3
25 °C
125 °C
VF (V)
IF (V)
0
1
2
3
4
5
6
7
8
0
50
100
150
200
E
REC
V
CC
= 600 V
R
G = 5.6 Ω
V
GE = - 15 V
T
J = 125 °C
RG (Ω)
0
1
2
3
4
5
6
0
102030405060
E
REC
V
CC
= 600 V
I
F = 100 A
V
GE = - 15 V
T
J = 125 °C



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com