| Zakładka z wyszukiwarką danych komponentów |
|
ADE7754AR Arkusz danych(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7754AR Arkusz danych(HTML) 2 Page - Analog Devices |
|
2 / 44 page ![]() REV. PrG 01/03 PRELIMINARY TECHNICAL DATA –2– ADE7754–SPECIFICATIONS (AVDD = DVDD = 5V±5%, AGND = DGND = 0V, On-Chip Reference, CLKIN=10MHz, TMIN to TMAX = -40ºC to +85ºC) Parameters Units Test Conditions/Comments ACCURACY Active Power Measurement Error 0.1 % typ Over a dynamic range of 1000 to 1 Phase Error Between Channels (PF=0.8 capacitive) ±0.05 º max Phase Lead 37º (PF=0.5 inductive) ±0.05 º max Phase Lag 60º AC Power Supply Rejection1 Output Frequency Variation 0.01 % typ IAP/N=IBP/N=ICP/N= ±100mV rms DC Power Supply Rejection 1 Output Frequency Variation 0.01 % typ IAP/N=IBP/N=ICP/N= ±100mV rms ANALOG INPUTS Maximum Signal Levels ±500 mV peak max Differential input: VAP-VN, VBP-VN, VCP-VN IAP-IAN, IBP-IBN, ICP-ICN Input Impedance (DC) 400 k Ω min Bandwidth (-3dB) 14 kHz typ ADC Offset Error 1 25 mV max Uncalibrated error, see Terminology for detail Gain Error1 ± 8 % typ External 2.5V reference Gain Error Match 1 ± 3 % typ External 2.5V reference REFERENCE INPUT REFIN/OUT Input Voltage Range 2.6 V max 2.4V +8% 2.2 V min 2.4V -8% Input Impedance 4 k W min Input Capacitance 10 pF max TEMPERATURE SENSOR ± 2 º C Calibrated DC offset ON-CHIP REFERENCE Reference Error ±200 mV max Temperature Coefficient 30 ppm/ºC typ CLKIN Input Clock Frequency 10 MHz typ LOGIC INPUTS RESET , DIN, SCLK CLKIN and CS Input High Voltage, VINH 2.4 V min DVDD=5V ± 5% Input Low Voltage, VINL 0.8 V max DVDD=5V ± 5% Input Current, IIN ±3 mA max Typical 10nA, Vin=0V to DVDD Input Capacitance, CIN 10 pF max LOGIC OUTPUTS CF, IRQ, DOUT and CLKOUT Output High Voltage, VOH 4 V min DVDD=5V ± 5% Output Low Voltage, VOL 1 V max DVDD=5V ± 5% POWER SUPPLY For specified performance AVDD 4.75 V min 5V - 5% 5.25 V max 5V +5% DVDD 4.75 V min 5V - 5% 5.25 V max 5V +5% AIDD 7 mA max DIDD 10 mA max NOTES: 1. See Terminology section for explanation of specifications. 2. See plots in Typical Performance Graph. 3. Specification subject to change without notice. ORDERING GUIDE MODEL PACKAGE OPTION * ADE7754AR RW-24 ADE7754ARRL RW-24 in Reel EVAL-ADE7754EB ADE7754 Evaluation Board |