Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STEVAL-CCA036V1 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części STEVAL-CCA036V1
Szczegółowy opis  Demonstration board for single channel op-amp in SO8 package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CCA036V1 Arkusz danych(HTML) 1 Page - STMicroelectronics

  STEVAL-CCA036V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CCA036V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CCA036V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CCA036V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
June 2013
DocID024760 Rev 1
1/4
STEVAL-CCA036V1
Demonstration board for single channel op-amp in SO8 package
Data brief
Features
• This demonstration board with its components
allow it to be configured as:
– Low-pass Sallen-Key circuit
– High-pass Sallen-Key circuit
– Differential amplifier
– AC-coupled circuit
– In-loop compensation circuit
– Out-of-loop compensation circuit
– Numerous other possible configurations
not described here
• RoHS compliant
Description
The STEVAL-CCA036V1 demonstration board is
designed to help characterize single operational
amplifiers in SO8 packages.
With this board, the most common op-amp based
circuits can be achieved.
The board is designed for surface-mounted
components and can be used to perform onboard
characterization prior to the integration of
STMicroelectronics’ products in your designs.
Resistor and capacitor footprints are implemented
for the 0805 series. A set of two decoupling
capacitors have been implemented on both power
supply pins so as to benefit from the maximum
performances of ST products. In order to reject a
wide range of frequencies, 10 nF and 4.7 µF are
good values for these capacitors.
STEVAL-CCA036V1
www.st.com


Podobny numer części - STEVAL-CCA036V1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-CCA030V1 STMICROELECTRONICS-STEVAL-CCA030V1 Datasheet
274Kb / 4P
STA350BW Sound Terminal??2.1-channel high-efficiency digital audio system board
28-May-2012
STEVAL-CCA035V1 STMICROELECTRONICS-STEVAL-CCA035V1 Datasheet
363Kb / 5P
RoHS compliant
17-May-2012
STEVAL-CCA035V1 STMICROELECTRONICS-STEVAL-CCA035V1_12 Datasheet
363Kb / 5P
APWLink USB interface board based on the STA120D
17-May-2012
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
Amplifier based on the TS4990IQT
27-Apr-2012
STEVAL-CCA038V1 STMICROELECTRONICS-STEVAL-CCA038V1 Datasheet
227Kb / 4P
Low-voltage audio power amplifier based on the TS4871IQT
25-May-2012
More results

Podobny opis - STEVAL-CCA036V1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
DB62 APEX-DB62 Datasheet
540Kb / 6P
DEMONSTRATION BOARD FOR SA305EX
logo
ON Semiconductor
OPAMP1EVB ONSEMI-OPAMP1EVB Datasheet
96Kb / 8P
Op Amp Evaluation Board Manual SOT23, SC70, and SOIC8 Package
July, 2005 ??Rev. 0
OPAMP3EVB ONSEMI-OPAMP3EVB Datasheet
129Kb / 12P
Op Amp Evaluation Board Manual TSSOP-16 Package
September, 2005 ??Rev. 0
logo
Analog Devices
AN-732 AD-AN-732 Datasheet
277Kb / 4P
Universal Precision Op Amp Evaluation Board in SOIC Package
REV. A
logo
STMicroelectronics
STEVAL-CCA022V1 STMICROELECTRONICS-STEVAL-CCA022V1 Datasheet
122Kb / 4P
Demonstration board for single op-amps in SC70 or SOT-23 packages
24-Jun-2009
logo
Analog Devices
AN-733 AD-AN-733 Datasheet
631Kb / 4P
Universal Precision Op Amp Evaluation Board in MSOP Package
REV. A
logo
Touchstone Semiconducto...
TS1005DB TOUCHSTONE-TS1005DB Datasheet
381Kb / 5P
TS1005 Op Amp Demo Board
logo
Alpha & Omega Semicondu...
AO4578 AOSMD-AO4578 Datasheet
58Kb / 1P
SO8 PACKAGE MARKING DESCRIPTION
logo
International Rectifier
IRF9392PBF IRF-IRF9392PBF_15 Datasheet
288Kb / 8P
Industry-Standard SO8 Package
logo
New Japan Radio
NJM320A NJRC-NJM320A Datasheet
751Kb / 11P
Low power single channel OP-Amp
Ver.01
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com