Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STTH6010-Y Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części STTH6010-Y
Szczegółowy opis  Very low conduction and switching losses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6010-Y Arkusz danych(HTML) 6 Page - STMicroelectronics

  STTH6010-Y Datasheet HTML 1Page - STMicroelectronics STTH6010-Y Datasheet HTML 2Page - STMicroelectronics STTH6010-Y Datasheet HTML 3Page - STMicroelectronics STTH6010-Y Datasheet HTML 4Page - STMicroelectronics STTH6010-Y Datasheet HTML 5Page - STMicroelectronics STTH6010-Y Datasheet HTML 6Page - STMicroelectronics STTH6010-Y Datasheet HTML 7Page - STMicroelectronics STTH6010-Y Datasheet HTML 8Page - STMicroelectronics STTH6010-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package information
STTH6010-Y
6/9
DocID018924 Rev 2
2
Package information
 Epoxy meets UL94, V0
 Cooling method: by conduction (C)
 Recommended torque value: 0.80 N·m
 Maximum torque value: 1.0 N·m
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
2.1
DO-247 package information
Figure 14. DO-247 package outline



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com