Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STTH6010-Y Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części STTH6010-Y
Szczegółowy opis  Very low conduction and switching losses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6010-Y Arkusz danych(HTML) 1 Page - STMicroelectronics

  STTH6010-Y Datasheet HTML 1Page - STMicroelectronics STTH6010-Y Datasheet HTML 2Page - STMicroelectronics STTH6010-Y Datasheet HTML 3Page - STMicroelectronics STTH6010-Y Datasheet HTML 4Page - STMicroelectronics STTH6010-Y Datasheet HTML 5Page - STMicroelectronics STTH6010-Y Datasheet HTML 6Page - STMicroelectronics STTH6010-Y Datasheet HTML 7Page - STMicroelectronics STTH6010-Y Datasheet HTML 8Page - STMicroelectronics STTH6010-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
April 2015
DocID018924 Rev 2
1/9
STTH6010-Y
Automotive ultrafast recovery - high voltage diode
Datasheet
- production data
Features
 AEC-Q101 qualified
 Ultrafast, soft recovery
 Very low conduction and switching losses
 High frequency and/or high pulsed current
operation
 High reverse voltage capability
 High junction temperature
 ECOPACK®2 compliant component
Description
The high quality design of this diode has
produced a device with low leakage current,
regularly reproducible characteristics and intrinsic
ruggedness. These characteristics make it ideal
for heavy duty applications that demand long term
reliability like automotive applications.
These diodes also fit into auxiliary functions such
as snubber, bootstrap, and demagnetization
applications.
The improved performance in low leakage
current, and therefore thermal runaway guard
band, is an immediate competitive advantage for
this device.
Table 1. Device summary
IF(AV)
60 A
VRRM
1000 V
Tj (max.)
175 °C
VF (typ)
1.3 V
trr (typ)
49 ns
www.st.com


Podobny numer części - STTH6010-Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STTH6010 STMICROELECTRONICS-STTH6010 Datasheet
132Kb / 8P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH6010W STMICROELECTRONICS-STTH6010W Datasheet
132Kb / 8P
Ultrafast recovery - high voltage diode
02-Mar-2006
More results

Podobny opis - STTH6010-Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6631PBF IRF-IRF6631PBF_15 Datasheet
253Kb / 10P
Low Switching and Conduction Losses
IRF6633PBF IRF-IRF6633PBF_15 Datasheet
283Kb / 10P
Low Conduction Losses and Switching Losses
IRF6633APBF IRF-IRF6633APBF_15 Datasheet
268Kb / 9P
Low Conduction Losses and Switching Losses
IRF6637PBF IRF-IRF6637PBF_15 Datasheet
270Kb / 10P
Low Conduction Losses and Switching Losses
logo
Bruckewell Technology L...
SD10PU200 BWTECH-SD10PU200 Datasheet
415Kb / 4P
Very low conduction losses
logo
Sangdest Microelectroni...
ST30100DJF SMC-ST30100DJF Datasheet
131Kb / 4P
Very small conduction losses
logo
Vishay Siliconix
SIHJ10N60E VISHAY-SIHJ10N60E Datasheet
156Kb / 7P
Reduced switching and conduction losses
16-Jan-17
VS-GA100TS120UPBF VISHAY-VS-GA100TS120UPBF Datasheet
263Kb / 10P
Very low conduction and switching losses
26-Mar-12
VS-GA200HS60S1PBF VISHAY-VS-GA200HS60S1PBF Datasheet
154Kb / 7P
Very low conduction losses
10-Jun-15
logo
STMicroelectronics
STTH310-Y STMICROELECTRONICS-STTH310-Y Datasheet
223Kb / 7P
Very low conduction losses
05-Feb-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com