Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SCT10N120 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części SCT10N120
Szczegółowy opis  High voltage DC-DC converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT10N120 Arkusz danych(HTML) 1 Page - STMicroelectronics

  SCT10N120 Datasheet HTML 1Page - STMicroelectronics SCT10N120 Datasheet HTML 2Page - STMicroelectronics SCT10N120 Datasheet HTML 3Page - STMicroelectronics SCT10N120 Datasheet HTML 4Page - STMicroelectronics SCT10N120 Datasheet HTML 5Page - STMicroelectronics SCT10N120 Datasheet HTML 6Page - STMicroelectronics SCT10N120 Datasheet HTML 7Page - STMicroelectronics SCT10N120 Datasheet HTML 8Page - STMicroelectronics SCT10N120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
May 2016
DocID027662 Rev 2
1/14
This is preliminary information on a new product now in development
or undergoing evaluation. Details are subject to change without notice.
www.st.com
SCT10N120
Silicon carbide Power MOSFET 1200 V, 12 A, 520 mΩ
(typ., TJ = 150 °C) in an HiP247™ package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Very tight variation of on-resistance vs.
temperature
Slight variation of switching losses vs.
temperature
Very high operating temperature capability
(TJ=200 °C)
Very fast and robust intrinsic body diode
Low capacitance
Applications
Solar inverters, UPS
Motor drives
High voltage DC-DC converters
Switch mode power supplies
Description
This silicon carbide Power MOSFET is produced
exploiting the advanced, innovative properties of
wide bandgap materials. This results in
unsurpassed on-resistance per unit area and
very good switching performance almost
independent of temperature. The outstanding
thermal properties of the SiC material, combined
with the device’s housing in the proprietary
HiP247™ package, allows designers to use an
industry-standard outline with significantly
improved thermal capability. These features
render the device perfectly suitable for high-
efficiency and high power density applications.
Table 1: Device summary
Order code
Marking
Package
Packaging
SCT10N120
SCT10N120
HiP247™
Tube
The device meets ECOPACK standards, an environmentally-friendly grade of products
commonly referred to as “halogen-free”. See Section 6: "Package information".
1
2
3
HiP247
AM01475v1_Tab
D(2, TAB)
G(1)
S(3)


Podobny numer części - SCT10N120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
SCT10N120 ISC-SCT10N120 Datasheet
383Kb / 2P
SiC N-Channel MOSFET
logo
STMicroelectronics
SCT10N120AG STMICROELECTRONICS-SCT10N120AG Datasheet
238Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 12 A, 520 mΩ (typ., TJ = 150 °C) in an HiP247 package
21-Sep-2022
logo
Inchange Semiconductor ...
SCT10N120AG ISC-SCT10N120AG Datasheet
411Kb / 2P
N-Channel SiC MOSFET Transistor
More results

Podobny opis - SCT10N120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
DV200-27000S ETC-DV200-27000S Datasheet
187Kb / 10P
HIGH RELIABILITY DC-DC CONVERTERS
logo
Emerson Network Power
SXN15 EMERSON-NETWORKPOWER-SXN15 Datasheet
124Kb / 2P
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters
logo
Kersemi Electronic Co.,...
IRFU3410PBF KERSEMI-IRFU3410PBF Datasheet
3Mb / 11P
High frequency DC-DC converters
logo
International Rectifier
IRFS31N20DTRLP IRF-IRFS31N20DTRLP Datasheet
296Kb / 12P
High Frequency DC-DC converters
logo
Toshiba Semiconductor
TK20P04M1 TOSHIBA-TK20P04M1 Datasheet
243Kb / 9P
DC-DC Converters Switching Voltage Regulators
logo
International Rectifier
IRF7450PBF IRF-IRF7450PBF_15 Datasheet
181Kb / 8P
High frequency DC-DC converters
logo
XP Power Limited
C01 XPPOWER-C01 Datasheet
981Kb / 12P
MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
STMicroelectronics
SCT50N120 STMICROELECTRONICS-SCT50N120 Datasheet
708Kb / 11P
High voltage DC-DC converters
03-Apr-2017
logo
Torex Semiconductor
XC9307 TOREX-XC9307 Datasheet
846Kb / 22P
Negative Output Voltage DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com