Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STBV42D Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części STBV42D
Szczegółowy opis  High voltage fast-switching NPN power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBV42D Arkusz danych(HTML) 2 Page - STMicroelectronics

  STBV42D Datasheet HTML 1Page - STMicroelectronics STBV42D Datasheet HTML 2Page - STMicroelectronics STBV42D Datasheet HTML 3Page - STMicroelectronics STBV42D Datasheet HTML 4Page - STMicroelectronics STBV42D Datasheet HTML 5Page - STMicroelectronics STBV42D Datasheet HTML 6Page - STMicroelectronics STBV42D Datasheet HTML 7Page - STMicroelectronics STBV42D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical ratings
STBV42D
2/8
Doc ID 17236 Rev 2
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VBE = 0)
700
V
VCEO
Collector-emitter voltage (IB = 0)
400
V
VEBO
Collector-base voltage (IC = 0)
9
V
IC
Collector current
1
A
ICM
Collector peak current (tP < 5 ms)
2
A
IB
Base current
0.5
A
IBM
Base peak current (tP < 5 ms)
1
A
PTOT
Total dissipation at Tc = 25 °C
1
W
TSTG
Storage temperature
- 65 to 150
°C
TJ
Max. operating junction temperature
150
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
125
°C/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com