Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STBV42D Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STBV42D
Szczegółowy opis  High voltage fast-switching NPN power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBV42D Arkusz danych(HTML) 3 Page - STMicroelectronics

  STBV42D Datasheet HTML 1Page - STMicroelectronics STBV42D Datasheet HTML 2Page - STMicroelectronics STBV42D Datasheet HTML 3Page - STMicroelectronics STBV42D Datasheet HTML 4Page - STMicroelectronics STBV42D Datasheet HTML 5Page - STMicroelectronics STBV42D Datasheet HTML 6Page - STMicroelectronics STBV42D Datasheet HTML 7Page - STMicroelectronics STBV42D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STBV42D
Electrical characteristics
Doc ID 17236 Rev 2
3/8
2
Electrical characteristics
Tcase = 25 °C; unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
ICES
Collector cut-off current
(VBE = 0)
VCE = 700 V
VCE = 700 V
TC = 125 °C
1
5
mA
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 9 V
1
mA
VCEO(sus)
(1)
1.
Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2 %
Collector-emitter sustaining
voltage (IB = 0)
IC = 1 mA
400
V
VCE(sat)
(1)
Collector-emitter saturation
voltage
IC = 0.25 A
IB = 50 mA
IC = 0.5 A
IB = 125 mA
IC = 0.75 A
IB = 250 mA
0.2
0.3
0.4
0.5
1
1.5
V
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 0.25 A
IB = 50 mA
IC = 0.5 A
IB = 125 mA
1
1.2
V
V
hFE
(1)
DC current gain
IC = 5 mA,
VCE = 2 V
IC = 0.4 A,
VCE = 5 V
IC = 0.8 A
VCE = 5 V
12
10
5
30
20
tf
Inductive Load
Fall time
IC = 0.25 A _ Vclamp = 300 V
IB(on) = -IB(off) = 50 mA
L = 3 mH
Figure 2
0.3
µs
VF
Diode forward voltage
IF = 350 mA
1.7
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com