Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STTS2004 Arkusz danych(PDF) 52 Page - STMicroelectronics

Numer części STTS2004
Szczegółowy opis  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Arkusz danych(HTML) 52 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 48Page - STMicroelectronics STTS2004 Datasheet HTML 49Page - STMicroelectronics STTS2004 Datasheet HTML 50Page - STMicroelectronics STTS2004 Datasheet HTML 51Page - STMicroelectronics STTS2004 Datasheet HTML 52Page - STMicroelectronics STTS2004 Datasheet HTML 53Page - STMicroelectronics STTS2004 Datasheet HTML 54Page - STMicroelectronics STTS2004 Datasheet HTML 55Page - STMicroelectronics STTS2004 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
Package mechanical data
STTS2004
52/58
DocID024229 Rev 3
The landing pattern recommendations per the JEDEC proposal for the TDFN package (DN)
are shown in Figure 23.
The preferred implementation with wide corner pads enhances device centering during
assembly, but a narrower option is defined for modules with tight routing requirements.
Figure 23. Landing pattern - TDFN8 package (DN)
e/2
e/2
e2
K
K
E2/2
E2/2
E2
D2/2
D2
D2/2
L
L
e
b
b
b2
b4
K2
K2
K2
E3
E3
e4
ai14000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58