Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM1871 Arkusz danych(PDF) 39 Page - STMicroelectronics

Numer części UM1871
Szczegółowy opis  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Arkusz danych(HTML) 39 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 35Page - STMicroelectronics UM1871 Datasheet HTML 36Page - STMicroelectronics UM1871 Datasheet HTML 37Page - STMicroelectronics UM1871 Datasheet HTML 38Page - STMicroelectronics UM1871 Datasheet HTML 39Page - STMicroelectronics UM1871 Datasheet HTML 40Page - STMicroelectronics UM1871 Datasheet HTML 41Page - STMicroelectronics UM1871 Datasheet HTML 42Page - STMicroelectronics UM1871 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
DocID027604 Rev 3
39/64
UM1871
STM32446E-EVAL IO assignment
63
112
PC11
SDCARD_D3
-
D4
113
PC12
SDCARD_CK
-
D9
114
PD0
FMC_D2
-
-
115
PD1
FMC_D3
-
-
116
PD2
SDCARD_CMD
-
D11
117
PD3
QSPI_CLK
Dissipative_brake_GPIO
D5
118
PD4
FMC_NOE
-
-
119
PD5
FMC_NWE
-
-
120
VSS_10
-
-
-
121
VDD_10
-
-
-
122
PD6
RF_INT2
-
D10
123
PD7
FMC_NE1 (CS_LCD)
-
-
124
PG9
SAI_2_FS_B
-
-
125
PG10
SAI_2_SD_B
-
-
126
PG11
SPDIF_RX0
-
-
127
PG12
RF_USART6_RTS
-
-
128
PG13
RF_USART6_CTS
-
-
129
PG14
RF_USART6_TX
-
-
130
VSS_11
-
-
-
131
VDD_11
-
-
-
132
PG15
FMC_SDNCAS
-
-
133
PB3
Mems_SPI3_SCK/3_CK
JTDO/TRACESWO
-
-
134
PB4
LD3 NJTRST
-
-
135
PB5
ULPI_D7
-
-
136
PB6
MIC_I2S_TIM4_CH1
EncA_TIM4_CH1
-
137
PB7
MIC_I2S_TIM4_CH2
EncA_TIM4_CH2
VSYNC
138
BOOT0
-
-
-
139
PB8
CAN_1_RX RF_TIM2_CH1
EncIndex_TIM4_CH3
D6
140
PB9
CAN_1_TX
RF_TIM2_CH2
-D7
Table 23. IOs assignment (continued)
Pin name
Default configuration
Motor control
configuration
Camera
configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64