Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM2047 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części UM2047
Szczegółowy opis  X-NUCLEO-53L0A1 ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2047 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button UM2047 Datasheet HTML 3Page - STMicroelectronics UM2047 Datasheet HTML 4Page - STMicroelectronics UM2047 Datasheet HTML 5Page - STMicroelectronics UM2047 Datasheet HTML 6Page - STMicroelectronics UM2047 Datasheet HTML 7Page - STMicroelectronics UM2047 Datasheet HTML 8Page - STMicroelectronics UM2047 Datasheet HTML 9Page - STMicroelectronics UM2047 Datasheet HTML 10Page - STMicroelectronics UM2047 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID029189 Rev 2
7/16
UM2047
X-NUCLEO-53L0A1 expansion board
16
Table 4. Arduino right connector on NUCLEO-F401RE board
CN Nb
VL53L0X
board
Pin Nb Pin name MCU pin
X-NUCLEO-53L0A1 expansion board
function
CN5 Digital
SCL
10
D15
PB8
I2C1_SCL
SDA
9
D14
PB9
I2C1_SDA
8
NC
AVDD
Not used
Gnd
7
Gnd
Gnd
Gnd
6
INT_L
PA5
Not used
5
NC
PA6
Not used
4
NC
PA7
Not used
3
NC
PB6
Not used
GPIO1_L
2
INT_L*
PC7
By default not used
Interrupt signal from optional VL53L0X
left satellite board(1)
1. These interrupt signals are duplicated, but not used by default, this offers hardware connection of the
satellite board VL53L0X interrupt signals and flexibility in case of conflict on MCU interface management
when expansion board is used superposed with other expansion boards. In this case select, through a
solder drop, the MCU port which is free.
GPIO1_L
1
INT_L
PA9
By default not used
Interrupt signal from optional VL53L0X
left satellite board(1)
CN9 Digital
8
NC
PA8
Not used
7
NC
PB10
Not used
6
NC
PB4
Not used
GPIO1_R
5
INT_R*
PB5
By default not used
Interrupt signal from optional VL53L0X
right satellite board(1)
4
NC
PB3
Not used
GPIO1_R
3
INT_R
PA10
By default not used
Interrupt signal from optional VL53L0X
right satellite board(1)
2
NC
PA2
Not used
1
NC
PA3
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16