| Zakładka z wyszukiwarką danych komponentów |
|
UM2047 Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM2047 Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 16 page ![]() DocID029189 Rev 2 5/16 UM2047 X-NUCLEO-53L0A1 expansion board 16 It is fundamental to program a micro-controller to control the VL53L0X through the I2C bus and drive the 4-digit display on board. Application software and examples of C-ANSI source code are available on www.st.com/VL53L0X. The X-NUCLEO-53L0A1 expansion board and STM32 Nucleo are connected through Arduino compatible connectors CN5, CN6, CN8 and CN9 as shown in Figure 3 and described in Table 3 and Table 4. The Arduino connectors on STM32 Nucleo board support Arduino Uno Revision 3. Figure 3. X-NUCLEO-53L0A1 expansion board Arduino connector layout |