Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6133A2 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części TPA6133A2
Szczegółowy opis  138-mW DirectPath Stereo Headphone Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6133A2 Arkusz danych(HTML) 4 Page - Texas Instruments

  TPA6133A2_17 Datasheet HTML 1Page - Texas Instruments TPA6133A2_17 Datasheet HTML 2Page - Texas Instruments TPA6133A2_17 Datasheet HTML 3Page - Texas Instruments TPA6133A2_17 Datasheet HTML 4Page - Texas Instruments TPA6133A2_17 Datasheet HTML 5Page - Texas Instruments TPA6133A2_17 Datasheet HTML 6Page - Texas Instruments TPA6133A2_17 Datasheet HTML 7Page - Texas Instruments TPA6133A2_17 Datasheet HTML 8Page - Texas Instruments TPA6133A2_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TPA6133A2
SLOS821B – JUNE 2013 – REVISED SEPTEMBER 2014
www.ti.com
7 Specification
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range, TA = 25°C (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage, VDD
–0.3
6
V
CPVSS-0.2 V to minimum of
RIGHTINx, LEFTINx
(3.6 V, VDD+0.2 V)
Input voltage
SD, TEST1, TEST2
–0.3
7
V
Output continuous total power dissipation
See the Thermal Information Table
Operating free-air temperature range, TA
–40
85
°C
Operating junction temperature range, TJ
–40
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
–3
3
kV
pins(1)
V(ESD)
Electrostatic discharge
Charged device model (CDM), per JEDEC specification
–750
750
V
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
Supply voltage, VDD
2.5
5.5
V
VIH
High-level input voltage
TEST1, TEST2, SD
1.3
V
VIL
Low-level input voltage
SD
0.35
V
Minimum Load Impedance
12.8
TA
Operating free-air temperature
–40
85
°C
7.4 Thermal Information
RTJ
THERMAL METRIC(1)
UNIT
20 PINS
RθJA
Junction-to-ambient thermal resistance
34.8
RθJC(top)
Junction-to-case (top) thermal resistance
32.5
RθJB
Junction-to-board thermal resistance
11.6
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
11.6
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPA6133A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com