| Zakładka z wyszukiwarką danych komponentów |
|
L6599ATD Arkusz danych(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6599ATD Arkusz danych(HTML) 23 Page - STMicroelectronics |
|
23 / 32 page ![]() DocID15534 Rev 7 23/32 L6599AT Application information 32 The timing diagram of Figure 12 shows this operation. Note that, if, during TSTOP, the supply voltage of the L6599AT (VCC) falls below the UVLO threshold, the IC records the event and does not restart immediately after VCC exceeds the startup threshold if V(DELAY) is still higher than 0.3 V. Also the PFC_STOP pin stays low as long as V(DELAY) is greater than 0.3 V. Note also that, in the case of an overload lasting less than TSH, the value of TSH for the next overload is lower if they are close to one another. 6.5 Latched shutdown The L6599AT is equipped with a comparator having the non-inverting input externally available at pin 8 (DIS) and with the inverting input internally referenced to 1.85 V. As the voltage on the pin exceeds the internal threshold, the IC is immediately shut down and its consumption reduced to a low value. The information is latched and it is necessary to let the voltage on the VCC pin go below the UVLO threshold to reset the latch and restart the IC. This function is useful to implement a latched overtemperature protection very easily by biasing the pin with a divider from an external reference voltage (e.g. pin 4, RFmin), where the upper resistor is an NTC physically located close to a heating element like the MOSFET, or the secondary diode or transformer. An OVP can be implemented as well, e.g. by sensing the output voltage and transferring an overvoltage condition via an optocoupler. 6.6 Line sensing function This function basically stops the IC as the input voltage to the converter falls below the specified range and lets it restart as the voltage goes back within the range. The sensed voltage can be either the rectified and filtered mains voltage, in which case the function acts as a brownout protection, or, in systems with a PFC pre-regulator front-end, the output voltage of the PFC stage, in which case the function serves as a power-on and power-off sequencing. L6599AT shutdown upon input undervoltage is accomplished by means of an internal comparator, as shown in the block diagram of Figure 13, whose non-inverting input is available at pin 7 (LINE). The comparator is internally referenced to 1.24 V and disables the IC if the voltage applied at the LINE pin is below the internal reference. Under these conditions the soft-start is discharged, the PFC_STOP pin is open and the consumption of the IC is reduced. PWM operation is re-enabled as the voltage on the pin is above the reference. The comparator is provided with current hysteresis instead of a more usual voltage hysteresis: an internal 13 µA current sink is ON as long as the voltage applied at the LINE pin is below the reference and is OFF if the voltage is above the reference. This approach provides an additional degree of freedom: it is possible to set the ON threshold and the OFF threshold separately by properly choosing the resistors of the external divider (see below). With voltage hysteresis, instead, fixing one threshold automatically fixes the other, depending on the built-in hysteresis of the comparator. |