| Zakładka z wyszukiwarką danych komponentów |
|
L6599ATD Arkusz danych(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6599ATD Arkusz danych(HTML) 25 Page - STMicroelectronics |
|
25 / 32 page ![]() DocID15534 Rev 7 25/32 L6599AT Application information 32 kind. If the function is not used, the pin must be connected to a voltage greater than 1.24 V but lower than 6 V (worst-case value of the 7 V threshold). 6.7 Bootstrap section The supply of the floating high-side section is obtained by means of a bootstrap circuitry. This solution normally requires a high voltage fast recovery diode (DBOOT, Figure 14 a) to charge the bootstrap capacitor CBOOT. In the L6599AT a patented integrated structure, replaces this external diode. It is realized by means of a high voltage DMOS, working in the third quadrant and driven synchronously with the low-side driver (LVG), with a diode in series to the source, as shown in Figure 14 b. Figure 14. Bootstrap supply: a) standard circuit; b) internal bootstrap synchronous diode The diode prevents any current being able to flow from the VBOOT pin back to VCC, in case the supply is quickly turned off when the internal capacitor of the pump is not fully discharged. To drive the synchronous DMOS a voltage higher than the supply voltage VCC is necessary. This voltage is obtained by means of an internal charge pump (Figure 14 b). The bootstrap structure introduces a voltage drop while recharging CBOOT (i.e. when the low-side driver is on), which increases with the operating frequency and with the size of the external power MOSFET. It is the sum of the drop across the R(DS)ON and the forward drop across the series diode. At low frequency this drop is very small and can be neglected but, as the operating frequency increases, it must be taken into account. In fact, the drop reduces the amplitude of the driving signal and can significantly increase the R(DS)ON of the external high-side MOSFET and then its conductive loss. |