Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L6717ATR Arkusz danych(PDF) 27 Page - STMicroelectronics

Numer części L6717ATR
Szczegółowy opis  Dynamic phase management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717ATR Arkusz danych(HTML) 27 Page - STMicroelectronics

Back Button L6717ATR Datasheet HTML 23Page - STMicroelectronics L6717ATR Datasheet HTML 24Page - STMicroelectronics L6717ATR Datasheet HTML 25Page - STMicroelectronics L6717ATR Datasheet HTML 26Page - STMicroelectronics L6717ATR Datasheet HTML 27Page - STMicroelectronics L6717ATR Datasheet HTML 28Page - STMicroelectronics L6717ATR Datasheet HTML 29Page - STMicroelectronics L6717ATR Datasheet HTML 30Page - STMicroelectronics L6717ATR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
DocID024465 Rev 1
27/57
L6717A
Power manager I2C
6
Power manager I2C
L6717A features a secondary power manager I
2
C bus to easy the implementation of power
management features as well as overspeeding for “enthusiastic” users. The power manager
I
2
C bus is operative after the PWRGOOD signal is driven high at the end of the soft-start.
Power manager I
2
C is a two wire, SCL (Clock) and SDA (Data), bus that connects a single
master to one or more slaves (L6717A) separately addressable. The master initiates and
terminates I
2
C transactions and drives the clock, SCL, and the data, SDA, during a
transaction. The slave receives the I
2
C transactions and acts accordingly. Power manager
I
2
C wire protocol is based on fast-mode I
2
C.
Power manager I
2
C Address configuration can be programmed through ADDR pin while
I2CDIS pin allow disabling the bus See
Table 10.
Power manager I
2
C and SVI bus are two independent buses working in parallel. In case two
commends are issued in the same time on the two buses, L6717A performs them in the
same time.
6.1
Power manager commands
Power manager I
2
C master issues different command sequences to modify several
parameters in the CORE section and/or the NB section of L6717A. In the same way, power
manager I
2
C command are able to configure DPM and other power-saving-related features.
During a
power manager command:
The bus master sends the start (START) sequence followed by the
Address of the
Controller which the
power manager command applies. The bus master then sends
the write (WRITE) bit. After the write bit, the voltage regulator (VR, L6717A) sends the
acknowledge (ACK) bit.
The bus master sends the command code during the
command phase. The VR
(L6717A) sends the acknowledge (ACK) bit after the command phase.
The bus master sends the
data stream related to the command phase previously
issued (if applicable). The VR (L6717A) sends the acknowledge (ACK) bit after the
data stream. Finally, the bus master sends the stop (STOP) sequence.
After the VR (L6717A) has detected the STOP sequence, it performs operations
according to the command issued by the bus master.
Refer to
Figure 9, Table 11 and Table 12 for details.
Table 10. Power manager I2C configuration
I2CDIS
ADDR
Description
3.3V
n/a
Power manager
I
2
C disabled.
SDA/OVP now becomes OVP to program the OV threshold for
both Sections.
SCL/OS now becomes OS to program offset for the CORE
Section.
OPEN
3.3V
It sets
I
2
C address to 1100111.
OPEN
It sets
I
2
C address to 1100110 (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57