| Zakładka z wyszukiwarką danych komponentów |
|
L6717ATR Arkusz danych(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6717ATR Arkusz danych(HTML) 46 Page - STMicroelectronics |
|
46 / 57 page ![]() Output voltage monitoring and protections L6717A 46/57 DocID024465 Rev 1 G34 design flow is the following: – Define the maximum total output current (I OC_TOT ) according to system requirements: I OC_TOT = 120% x IddTDC (Typ) – Design Per-Phase OC and R G resistor in order to have I INFOx = I OC_TH (35 μA) when I OUT is 120% higher than the IddSpike current. It results: where N is the number of phases and DCR the DC resistance of the inductors. R G should be designed in worst-case conditions. – Design the total current OC and R ILIM in order to have the ILIM pin voltage to V OC_TOT at the desired maximum current I OC_TOT . It results: where V OC_TOT is typically 2.5 V and I OC_TOT = 120% x IddTDC is the Total Current OC threshold desired. – Provide filtering capacitor for ILIM pin in order to properly filter IddSpike (1.5 mSec Typ time-constant). – Adjust the defined values according to bench-test of the application. 8.4.3 NB section NB Section performs per-phase over current: its maximum information current (I INFO_NB ) is internally limited to I OCTH_NB (35 μA typ). If the current information for the NB phase exceeds the end-of-scale current (i.e. if I INFO_NB > I OCTH_NB ), the device will turn-on the Low-Side MOSFET, also skipping clock cycles, until the threshold is re-crossed (i.e. until I INFO_NB < I OCTH_NB ). After exiting the OC condition, the low-side MOSFET is turned off and the high- side is turned on with a duty cycle driven by the PWM comparator. Design R G_NB resistor in order to have I DROOP_NB = I OCTH_NB (35 μA) at the I OC_NBmax current. It results: Note: DRP_ADJ command from power manager I2C does not alter the current information used for Per-Phase OC. R G 1.2 I ddSpike ⋅ () DCR ⋅ NI ⋅ OC T H ------------------------------------------------------------- = R ILIM V OC_TOT R G ⋅ I OC_TOT DC R ⋅ --------------------------------------- V OC_TOT R G ⋅ 1.2 I ddTD C D C R ⋅⋅ ----------------------------------------------------- == I LI M DC R R G ------------- I OU T ⋅ = R G I OC_NBmax DC R ⋅ I OCTH_NB --------------------------------------------- = |