| Zakładka z wyszukiwarką danych komponentów |
|
ST7LITEUS5 Arkusz danych(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITEUS5 Arkusz danych(HTML) 91 Page - STMicroelectronics |
|
91 / 136 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) ST7LITEUS2, ST7LITEUS5 Instruction set 91/136 NEG Negate (2's compl) neg $10 reg, M - - - N Z C NOP No operation - - - - - - - OR OR operation A = A + M A M - - N Z - POP Pop from the stack pop reg reg M - - - - - pop CC CC M H I N Z C PUSH Push onto the stack push Y M reg, CC - - - - - RCF Reset carry flag C = 0 - - - - - - 0 RET Subroutine return - - - - - - - RIM Enable Interrupts I = 0 - - - 0 - - - RLC Rotate left true C C ≤ Dst ≤ C reg, M - - - N Z C RRC Rotate right true C C ≥ Dst ≥ C reg, M - - - N Z C RSP Reset Stack Pointer S = Max allowed - - - - - - - SBC Subtract with carry A = A - M - C A M - - N Z C SCF Set carry flag C = 1 - - - - - - 1 SIM Disable interrupts I = 1 - - - 1 - - - SLA Shift left arithmetic C ≤ Dst ≤ 0reg, M - - - N Z C SLL Shift left logic C ≤ Dst ≤ 0reg, M - - - N Z C SRL Shift right logic 0 ≥ Dst ≥ Creg, M - - - 0 Z C SRA Shift right arithmetic Dst7 ≥ Dst ≥ C reg, M - - - N Z C SUB Subtraction A = A - M A M - - N Z C SWAP SWAP nibbles Dst[7..4] ≤ ≥Dst[3..0] reg, M - - - N Z - TNZ Test for Neg & Zero tnz lbl1 - - - - N Z - TRAP S/W trap S/W interrupt - - - 1 - - WFI Wait for interrupt - - - 0 - - - XOR Exclusive OR A = A XOR M A M - - N Z - Table 42. Illegal opcode detection (continued) Mnemo Description Function/example Dst Src H I N Z C Obsolete Product(s) - Obsolete Product(s) |