| Zakładka z wyszukiwarką danych komponentów |
|
ST72361K9-Auto Arkusz danych(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361K9-Auto Arkusz danych(HTML) 68 Page - STMicroelectronics |
|
68 / 279 page ![]() Power saving modes ST72361xx-Auto 68/279 Doc ID 12468 Rev 3 Figure 30. AWUF halt timing diagram Figure 31. AWUFH mode flow-chart Note: 1 WDGHALT is an option bit. See option byte section for more details. 2 Peripheral clocked with an external clock source can still be active. 3 Only an AWUFH interrupt and some specific interrupts can exit the MCU from HALT mode (such as external interrupt). Refer to Table 16 for more details. 4 Before servicing an interrupt, the CC register is pushed on the stack. The I[1:0] bits of the CC register are set to the current software priority level of the interrupt routine and recovered when the CC register is popped. AWUFH interrupt fCPU RUN MODE HALT MODE 256 or 4096 tCPU RUN MODE fAWU_RC Clear by software tAWU RESET INTERRUPT 3) Y N N Y CPU MAIN OSC PERIPHERALS 2) I[1:0] BITS OFF OFF 10 OFF FETCH RESET VECTOR OR SERVICE INTERRUPT CPU MAIN OSC PERIPHERALS I[1:0] BITS ON OFF XX 4) ON CPU MAIN OSC PERIPHERALS I[1:0] BITS ON ON XX 4) ON 256 OR 4096 CPU CLOCK DELAY WATCHDOG ENABLE DISABLE WDGHALT 1) 0 WATCHDOG RESET 1 CYCLE AWU RC OSC ON AWU RC OSC OFF AWU RC OSC OFF HALT INSTRUCTION (MCCSR.OIE=0) (AWUCSR.AWUEN=1) |