| Zakładka z wyszukiwarką danych komponentów |
|
STM32F383VC Arkusz danych(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F383VC Arkusz danych(HTML) 40 Page - STMicroelectronics |
|
40 / 125 page ![]() Pinouts and pin description STM32F383xx 40/125 DocID023367 Rev 2 1. When using the small packages (48 and 64 pin packages), the GPIO pins which are not present on these packages, must not be configured in analog mode. 2. VBAT pin must be connected to VDD supply. 3. These pins are powered by VDDA. 4. These pins are powered by VDDSD12. 5. These pins are powered by VDDSD3. |