| Zakładka z wyszukiwarką danych komponentów |
|
Z8FS021 Arkusz danych(PDF) 43 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8FS021 Arkusz danych(HTML) 43 Page - Zilog, Inc. |
|
43 / 68 page ![]() PS028806-0315 Advanced API Register Set ZMOTION® Intrusion Detection Product Specification 35 Advanced API Register Set The registers are for advanced configuration of the PIR Engine. They include customiza- tion for lens and pyroelectric sensor configurations. These registers are not initialized by the PIR Engine. Table 16. PIR Engine API Advanced Registers API Advanced Register Name Address Mnemonic Description PIR Advanced Status/Control Register 0 F0h ePIR_ASC0 Engine control and status. PIR Advanced Status/Control Register 1 F1h ePIR_ASC1 White Light Debounce and Scan Rate. PIR Advanced Status/Control Register 2 F2h ePIR_ASC2 Window Size, Lock Level, and Window Update Rate. PIR Engine Process Rate F3h/F4h ePIR_Process_Rate Relative Processing available to the PIR Engine. PIR Sample Size Register F5h ePIR_Sample_Size Controls amount of sensor signal averaging. PIR Debounce Time Register F6h ePIR_Debounce_Time Controls time to Debounce motion signal. PIR Debounce Batch Size Register F7h ePIR_Debounce_Batch Controls out of window samples required for Debounce. PIR Transient Sensitivity Level F8h ePIR_Transient_Sense Sets PIR Engine sensitivity to transient detection. PIR Noise Sensitivity Level F9h ePIR_Noise_Sense Sets PIR Engine sensitivity to noise detection. PIR Pyro Signal FAh/FBh ePIR_Signal Current Pyro Sensor signal sample. PIR Pyro DC Signal Level FCh/FDh ePIR_Signal_DC Current calculated Pyro Sensor DC offset. PIR Extended Detection Sensitivity Level FEh ePIR_Extended_Sense Controls sensitivity of extended detector. PIR Extended Detection Debounce Timeout FFh ePIR_Extended_Timeout Controls. |