| Zakładka z wyszukiwarką danych komponentów |
|
Z8FS021 Arkusz danych(PDF) 55 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8FS021 Arkusz danych(HTML) 55 Page - Zilog, Inc. |
|
55 / 68 page ![]() PS028806-0315 Ordering Information ZMOTION® Intrusion Detection Product Specification 47 Ordering Information The ZMOTION Intrusion Family PIR Motion Detection Solution can be ordered as a stand-alone MCU that includes the PIR Motion Detection Engine. ZMOTION MCU Table 31 displays the basic features and package styles available for each device within Zilog’s line of Z8FS021 ZMOTION Intrusion Detection MCU devices. For more information about ordering your ZMOTION Intrusion Detection device, contact your local Zilog Representative, Distributor or Sales Office. The Zilog website (www.zilog.com) lists all regional offices and provides additional product information. The Z8FS021 MCU is not preprogammed with application code. A generic version of the ZMOTION Intrusion Detection source code (RD0001-SC01) can be downloaded from zilog.com and programmed into the MCU. PIR Engine Revisions Table 32 displays the current PIR Engine versions and Part Number Engine Revision Identifier used to order the ZMOTION MCU offerings listed in Table 31. Table 31. Z8FS021 ZMOTION Intrusion Detection Series Part Selection Guide ZMOTION MCU Part Number* Z8 Encore! XP Base Part Number Flash Memory GPIO ADC Channels Package Z8FS021xSB20EG Z8F082ASB020EG 2 KB 5 3 8-pin SOIC Z8FS021xHH20EG Z8F082AHH020EG 2 KB 16 4 20-pin SSOP Z8FS021xHJ20EG Z8F082AHJ020EG 2 KB 22 6 28-pin SSOP ZMOTIONS200ZCOG ZMOTION Intrusion Detection 20-Pin Development Kit *Where x = PIR Engine Revision Identifier (see Table 32). Table 32. PIR Engine Revision Identifiers Version Part Number Engine Revision Identifier Description 1.00 — Internal release. 20-pin version only. 2.00 A Initial production release. 20-pin version only. Note: |