| Zakładka z wyszukiwarką danych komponentów |
|
STA311B Arkusz danych(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA311B Arkusz danych(HTML) 45 Page - STMicroelectronics |
|
45 / 102 page ![]() DocID024340 Rev 1 45/102 STA311B Registers 102 8.2.21 Channel 2 volume trim, mute, bypass (0x14) 8.2.22 Channel 3 volume trim, mute, bypass (0x15) 8.2.23 Channel 4 volume trim, mute, bypass (0x16) 8.2.24 Channel 5 volume trim, mute, bypass (0x17) 8.2.25 Channel 6 volume trim, mute, bypass (0x18) 8.2.26 Channel 7 volume trim, mute, bypass (0x19) 8.2.27 Channel 8 volume trim, mute, bypass (0x1A) D7 D6 D5 D4 D3 D2 D1 D0 C2M C2VBP C2VT4 C2VT3 C2VT2 C2VT1 C2VT0 00 010 00 0 D7 D6 D5 D4 D3 D2 D1 D0 C3M C3VBP C3VT4 C3VT3 C3VT2 C3VT1 C3VT0 00 010 00 0 D7 D6 D5 D4 D3 D2 D1 D0 C4M C4VBP C4VT4 C4VT3 C4VT2 C4VT1 C4VT0 00 010 00 0 D7 D6 D5 D4 D3 D2 D1 D0 C5M C5VBP C5VT4 C5VT3 C5VT2 C5VT1 C5VT0 00 010 00 0 D7 D6 D5 D4 D3 D2 D1 D0 C6M C6VBP C6VT4 C6VT3 C6VT2 C6VT1 C6VT0 00 010 00 0 D7 D6 D5 D4 D3 D2 D1 D0 C7M C7VBP C7VT4 C7VT3 C7VT2 C7VT1 C7VT0 00 010 00 0 D7 D6 D5 D4 D3 D2 D1 D0 C8M C8VBP C8VT4 C8VT3 C8VT2 C8VT1 C8VT0 00 010 00 0 |