| Zakładka z wyszukiwarką danych komponentów |
|
STPS30H60CT Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS30H60CT Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 11 page ![]() STPS30H60C Characteristics 3/11 Figure 1. Conduction losses versus average forward current Figure 2. Average forward current versus ambient temperature ( δ = 0.5, per diode) P (W) F(AV) 0 2 4 6 8 10 12 0 2 4 6 8 10 12 14 16 18 δ=0.05 δ=0.1 δ=0.2 δ=0.5 δ=1 T δ=tp/T tp I (A) F(AV) I (A) F(AV) 0 2 4 6 8 10 12 14 16 18 0 25 50 75 100 125 150 175 R h(j a)=Rth(j c) R th(j a)=15 °C/W TO-220FPAB T (°C) amb Figure 3. Normalized avalanche power derating versus pulse duration Figure 4. Normalized avalanche power derating versus junction temperature 1.E-03 1.E-02 1.E-01 1.E+00 1.E+00 1.E-01 1.E-02 1.E+01 1.E+02 1.E+03 t (µs) p P(t ) P (1µs) ARM p ARM 0.0 0.2 0.4 0.6 0.8 1.0 1.2 25 50 75 100 125 150 T (°C) j P(t ) P (25°C) ARM p ARM Figure 5. Non repetitive surge peak forward current versus overload duration (maximum values, per diode) (TO-220AB, TO-247 D2PAK, I2PAK) Figure 6. Non repetitive surge peak forward current versus overload duration (maximum values, per diode) (TO-220FPAB) I (A) M 0 20 40 60 80 100 120 140 160 180 200 1.E-03 1.E-02 1.E-01 1.E+00 T C=50°C T C=75°C T C=125°C IM t δ =0 5 t(s) 0 20 40 60 80 100 120 1.E-03 1.E-02 1.E-01 1.E+00 T C=50 °C T C=75 °C T C=125 °C IM t δ =0 5 TO-220FPAB I (A) M t(s) |