Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP27ARC/QMLR Arkusz danych(PDF) 12 Page - List of Unclassifed Manufacturers

Numer części OP27ARC/QMLR
Szczegółowy opis  MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

OP27ARC/QMLR Arkusz danych(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button OP27ARC/QMLR Datasheet HTML 6Page - List of Unclassifed Manufacturers OP27ARC/QMLR Datasheet HTML 7Page - List of Unclassifed Manufacturers OP27ARC/QMLR Datasheet HTML 8Page - List of Unclassifed Manufacturers OP27ARC/QMLR Datasheet HTML 9Page - List of Unclassifed Manufacturers OP27ARC/QMLR Datasheet HTML 10Page - List of Unclassifed Manufacturers OP27ARC/QMLR Datasheet HTML 11Page - List of Unclassifed Manufacturers OP27ARC/QMLR Datasheet HTML 12Page - List of Unclassifed Manufacturers OP27ARC/QMLR Datasheet HTML 13Page - List of Unclassifed Manufacturers OP27ARC/QMLR Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-94680
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
E
SHEET
12
DSCC FORM 2234
APR 97
4.4.2 Group C inspection. The group C inspection end-point electrical parameters shall be as specified in table IIA herein.
4.4.2.1 Additional criteria for device class M. Steady-state life test conditions, method 1005 of MIL-STD-883:
a. Test condition A, B, C, or D. The test circuit shall be maintained by the manufacturer under document revision level
control and shall be made available to the preparing or acquiring activity upon request. The test circuit shall specify the
inputs, outputs, biases, and power dissipation, as applicable, in accordance with the intent specified in method 1005 of
MIL-STD-883.
b. TA = +125C, minimum.
c.
Test duration: 1,000 hours, except as permitted by method 1005 of MIL-STD-883.
4.4.2.2 Additional criteria for device classes Q and V. The steady-state life test duration, test condition and test temperature,
or approved alternatives shall be as specified in the device manufacturer's QM plan in accordance with MIL-PRF-38535. The
test circuit shall be maintained under document revision level control by the device manufacturer's TRB in accordance with
MIL-PRF-38535 and shall be made available to the acquiring or preparing activity upon request. The test circuit shall specify the
inputs, outputs, biases, and power dissipation, as applicable, in accordance with the intent specified in method 1005 of
MIL-STD-883.
4.4.3 Group D inspection. The group D inspection end-point electrical parameters shall be as specified in table IIA herein.
4.4.4 Group E inspection. Group E inspection is required only for parts intended to be marked as radiation hardness assured
(see 3.5 herein).
a.
End-point electrical parameters shall be as specified in table IIA herein.
b.
For device classes Q and V, the devices or test vehicle shall be subjected to radiation hardness assured tests as
specified in MIL-PRF-38535 for the RHA level being tested. For device class M, the devices shall be subjected to
radiation hardness assured tests as specified in MIL-PRF-38535, appendix A for the RHA level being tested. All device
classes must meet the postirradiation end-point electrical parameter limits as defined in table I at TA = +25C 5C,
after exposure, to the subgroups specified in table IIA herein.
4.4.4.1 Total dose irradiation testing. Total dose irradiation testing shall be performed in accordance with MIL-STD-883
method 1019, condition A device type 02, condition D for device type 03 and as specified herein.
5. PACKAGING
5.1 Packaging requirements. The requirements for packaging shall be in accordance with MIL-PRF-38535 for device classes
Q and V or MIL-PRF-38535, appendix A for device class M.
6. NOTES
6.1 Intended use. Microcircuits conforming to this drawing are intended for use for Government microcircuit applications
(original equipment), design applications, and logistics purposes.
6.1.1 Replaceability. Microcircuits covered by this drawing will replace the same generic device covered by a contractor
prepared specification or drawing.
6.1.2 Substitutability. Device class Q devices will replace device class M devices.
6.2 Configuration control of SMD's. All proposed changes to existing SMD's will be coordinated with the users of record for
the individual documents. This coordination will be accomplished using DD Form 1692, Engineering Change Proposal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com