Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP27ARC/QMLR Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części OP27ARC/QMLR
Szczegółowy opis  MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

OP27ARC/QMLR Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  OP27ARC/QMLR Datasheet HTML 1Page - List of Unclassifed Manufacturers OP27ARC/QMLR Datasheet HTML 2Page - List of Unclassifed Manufacturers OP27ARC/QMLR Datasheet HTML 3Page - List of Unclassifed Manufacturers OP27ARC/QMLR Datasheet HTML 4Page - List of Unclassifed Manufacturers OP27ARC/QMLR Datasheet HTML 5Page - List of Unclassifed Manufacturers OP27ARC/QMLR Datasheet HTML 6Page - List of Unclassifed Manufacturers OP27ARC/QMLR Datasheet HTML 7Page - List of Unclassifed Manufacturers OP27ARC/QMLR Datasheet HTML 8Page - List of Unclassifed Manufacturers OP27ARC/QMLR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-94680
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
E
SHEET
5
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics.
Test
Symbol
Conditions 1/ 2/ 3/
-55
C  TA  +125C
unless otherwise specified
Group A
subgroups
Device
type
Limits 4/
Unit
Min
Max
Input offset voltage
VOS
1
01
60
V
2, 3
200
1
02, 03
-25
25
2, 3
-60
60
M,D,P,L,R
1
02
-100
100
M,D,P,L
1
03
-100
100
Average input offset
5/
voltage
TCVOS
TA = +125C, -55C
2, 3
01
1.3
V/C
02, 03
-0.6
0.6
Input offset current
IOS
1
01
50
nA
2, 3
85
1
02, 03
-35
+35
2, 3
-50
+50
M,D,P,L,R
1
02
-100
100
M,D,P,L
1
03
-100
100
Average input bias current
IIB
1
01
-55
+55
nA
2, 3
-95
+95
1
02, 03
-40
+40
2, 3
-60
+60
M,D,P,L,R
1
02
-1000
1000
M,D,P,L
1
03
-1000
1000
Input voltage range
IVR
5/ 6/
1
01, 02,
-11
+11
V
2, 3
03
-10.3
+10.3
Power supply rejection 5/
ratio
PSRR
VS = 4 V to 18 V
1
01
10
V/V
VS = 4.5 V to 18 V
2, 3
20
VS = 4 V to 18 V
1
02, 03
10
VS = 4.5 V to 18 V
2, 3
16
See footnotes at end of table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com