| Zakładka z wyszukiwarką danych komponentów |
|
SMM4F10A Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SMM4F10A Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 12 page ![]() SMM4FxxA Characteristics DocID14250 Rev 4 3/12 Table 3: Electrical characteristics - parameter values (Tamb = 25 °C) Type IRM max. at VRM VBR at IR(1) VCL at IPP 10/1000 μs RD(2) 10/1000 μs VCL at IPP 8/20 μs RD 8/20 µs(2) αT(3) 25 °C 85 °C Min. Typ. Max. Max. Max. Max. µA V V mA V A Ω V A Ω 10-4/°C SMM4F5.0A 10 50 5.0 6.46 6.80 7.14 10 9.2 43.5 0.047 13.4 179 0.035 5.7 SMM4F6.0A 10 50 6.0 6.65 7.00 7.35 10 10.3 38.8 0.076 13.7 175 0.036 5.9 SMM4F6.5A 10 50 6.5 7.13 7.50 7.88 10 11.2 37.5 0.093 14.5 166 0.039 6.1 SMM4F8.5A 10 50 8.5 9.5 10.0 10.5 1 14.4 27.7 0.141 19.5 140 0.064 7.3 SMM4F10A 0.2 1 10 11.4 12.0 12.6 1 17.0 23.5 0.187 21.7 127 0.071 7.8 SMM4F12A 0.2 1 12 13.3 14.0 14.7 1 19.9 20.1 0.259 25.3 112 0.094 8.3 SMM4F13A 0.2 1 13 14.3 15.0 15.8 1 21.5 18.6 0.309 27.2 106 0.108 8.4 SMM4F15A 0.2 1 15 17.1 18.0 18.9 1 24.4 16.4 0.335 32.5 90 0.150 8.8 SMM4F18A 0.2 1 18 20.9 22.0 23.1 1 29.2 14.0 0.436 39.3 76 0.214 9.2 SMM4F20A 0.2 1 20 22.8 24.0 25.2 1 32.4 12.0 0.600 42.8 70 0.250 9.4 SMM4F24A 0.2 1 24 26.6 28.01 29.4 1 38.9 9.5 1.00 50 61 0.338 9.6 SMM4F26A 0.2 1 26 28.5 30.0 31.5 1 42.1 9.0 1.18 53.5 58 0.380 9.7 SMM4F28A 0.2 1 28 31.4 33.0 34.7 1 45.4 8.0 1.34 59.0 53 0.456 9.8 SMM4F33A 0.2 1 33 37.1 39.0 41.0 1 53.3 7.0 1.76 69.7 45 0.636 10.0 Notes: (1)Pulse test: tp < 50 ms. (2)To calculate maximum clamping voltage at other surge currents, use the following formula: VCLmax = RD x IPP + VBRmax (3)To calculate VBR versus junction temperature, use the following formula: VBR at Tj = VBR @ 25 °C x (1 + αT x (Tj - 25)) Figure 2: Definition of IPP pulse |