Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIPSZ2012D3R3 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części MIPSZ2012D3R3
Szczegółowy opis  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIPSZ2012D3R3 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button MIPSZ2012D3R3 Datasheet HTML 4Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 5Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 6Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 7Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 8Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 9Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 10Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 11Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Typical application schematics
TS4621B
8/48
Doc ID 022194 Rev 2
2
Typical application schematics
Figure 1.
Typical application schematics for the TS4621B
Table 3.
TS4621B pin description
Pin number
Pin name
Pin definition
A1
SW
Switching node of the buck converter
A2
AVDD
Analog supply voltage, connect to battery
A3
VOUTL
Output signal for left audio channel
A4
INL-
Negative input signal for left audio channel
B1
AGND
Device ground
B2
C1
Flying capacitor terminal for internal negative supply generator
B3
HPVDD
Buck converter output, power supply for amplifier
B4
INL+
Positive input signal for left audio channel
C1
C2
Flying capacitor terminal for internal negative supply generator
C2
PVSS
Negative supply generator output
C3
CMS
Common mode sense, to be connected as close as possible to the
ground of headphone/line out plug
C4
INR+
Positive input signal for right audio channel
D1
SDA
I²C data signal, up to VCC tolerant input
D2
SCL
I²C clock signal, up to VCC tolerant input
D3
VOUTR
Output signal for right audio channel
D4
INR-
Negative input signal for right audio channel
Rout
12 ohms min.
Rout
12 ohms min.
Cout
0.8 nF min.
Cout
0.8 nF min.
Cin
1 uF
Cin
1 uF
Cin
1 uF
Cin
1 uF
1
2
3
J1
C12
2.2 uF
Cs
2.2 uF
Css
2.2 uF
Ct
10 uF
L1
3.3 uH
Vbat
I²C bus
+
-
I2C
Negative
supply
Positive
supply
AGnd
C1
C2
SDA
SCL
AVdd
InL-
InL+
InR+
InR-
VoutL
VoutR
CMS
Level
detector
Level
detector
Sw
HpVdd
PVss
Negative left input
Positive left input
Negative right input
Positive right input
AM06119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48