Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIPSZ2012D3R3 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części MIPSZ2012D3R3
Szczegółowy opis  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIPSZ2012D3R3 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button MIPSZ2012D3R3 Datasheet HTML 5Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 6Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 7Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 8Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 9Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 10Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 11Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 12Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
TS4621B
Typical application schematics
Doc ID 022194 Rev 2
9/48
Table 4.
TS4621B component description(1)
Component
Value
Description
Cs
2.2 µF
Decoupling capacitors for VCC. A 2.2 µF capacitor is sufficient for proper
decoupling of the TS4621B. An X5R dielectric and 10 V rating voltage is
recommended to minimize
ΔC/ΔV when VCC =4.8 V.
Must be placed as close as possible to the TS4621B to minimize parasitic
inductance and resistance.
C12
2.2 µF
Capacitor for internal negative power supply operation. An X5R dielectric
and 6.3 V rating voltage is recommended to minimize
ΔC/ΔV when
HPVDD = 1.9 V.
Must be placed as close as possible to the TS4621B to minimize parasitic
inductance and resistance.
CSS
2.2 µF
Filtering capacitor for internal negative power supply. An X5R dielectric and
6.3 V rating voltage is recommended to minimize
ΔC/ΔV when
HPVDD = 1.9 V.
Cin
Input coupling capacitor that forms with Rin
≈ Rindiff/2 a first-order high-
pass filter with a -3 dB cutoff frequency Fc. For example, at maximum gain
G=4dB, Rin =12.5k
Ω, Cin = 1 µF, therefore Fc = 13 Hz.
Cout
0.8 to 100 nF
Output capacitor of 0.8 nF minimum to 100 nF maximum. This capacitor is
mandatory for operation of the TS4621B.
Rout
12
Ω min.
Output resistor in-series with the TS4621B output. This 12
Ω minimum
resistor is mandatory for operation of the TS4621B.
L1
3.3 µH
Inductor for internal DC/DC step-down converter.
References of inductors: refer to Section 4.4.1 for more information.
Ct
10 µF
Tank capacitor for internal DC/DC step-down converter. An X5R dielectric
and 6.3 V rating voltage is recommended to minimize
ΔC/ΔV when
HPVDD = 1.9 V. Refer to Section 4.4.2 for more information.
1.
Refer to Section 4.4 for a complete description of each component.
Cin
1
2
π Rin Fc
×
×
×
------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48