Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ELM822 Arkusz danych(PDF) 6 Page - ELM Technology Corporation

Numer części ELM822
Szczegółowy opis  1.5關A Very low power CMOS operational amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELM-TECH [ELM Technology Corporation]
Strona internetowa  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM822 Arkusz danych(HTML) 6 Page - ELM Technology Corporation

Back Button ELM822 Datasheet HTML 2Page - ELM Technology Corporation ELM822 Datasheet HTML 3Page - ELM Technology Corporation ELM822 Datasheet HTML 4Page - ELM Technology Corporation ELM822 Datasheet HTML 5Page - ELM Technology Corporation ELM822 Datasheet HTML 6Page - ELM Technology Corporation ELM822 Datasheet HTML 7Page - ELM Technology Corporation ELM822 Datasheet HTML 8Page - ELM Technology Corporation ELM822 Datasheet HTML 9Page - ELM Technology Corporation ELM822 Datasheet HTML 10Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Rev.1.1
http://www.elm-tech.com
6
10 -
0.001
0.01
0.1
1
10
100
-20
0
20
40
60
80
100
120
Vdd=1.5V
Vdd=6.0V
CMRR-Frequency
Frequency (kHz)
Vdd=1.2V
Unity Gain, Vcm=Vdd/2,
Vdd=3.0V
100k���load, Top=25 �
0.001
0.01
0.1
1
10
100
-20
0
20
40
60
80
100
120
Top=+25�
CMRR-Frequency
Frequency (kHz)
Top=-40�
Vcm=1.5V, 100k���load
Top=+85�
Unity Gain, Vdd=3.0V,
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
120
Top=+25�
Top=+85�
CMRR-Vcm [Vdd=1.2V]
Vcm (V)
Top=-40�
Frequency=1Hz, Unity Gain, 100k���load
0.0
0.5
1.0
1.5
0
20
40
60
80
100
120
Top=+25�
Top=+85�
CMRR-Vcm [Vdd=1.5V]
Vcm (V)
Top=-40�
Frequency=1Hz, Unity Gain, 100k���load
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
20
40
60
80
100
120
Top=+25�
Top=+85�
CMRR-Vcm [Vdd=3.0V]
Vcm (V)
Top=-40�
Frequency=1Hz, Unity Gain, 100k���load
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
20
40
60
80
100
120
Top=+25�
Top=+85�
CMRR-Vcm [Vdd=6.0V]
Vcm (V)
Top=-40�
Frequency=1Hz, Unity Gain, 100k���load
0.001
0.01
0.1
1
10
100
-20
0
20
40
60
80
100
120
Vdd=1.5V
Vdd=6.0V
CMRR-Frequency
Frequency (kHz)
Vdd=1.2V
Unity Gain, Vcm=Vdd/2,
Vdd=3.0V
100k���load, Top=25 �
0.001
0.01
0.1
1
10
100
-20
0
20
40
60
80
100
120
Top=+25�
CMRR-Frequency
Frequency (kHz)
Top=-40�
Vcm=1.5V, 100k���load
Top=+85�
Unity Gain, Vdd=3.0V,
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
120
Top=+25�
Top=+85�
CMRR-Vcm [Vdd=1.2V]
Vcm (V)
Top=-40�
Frequency=1Hz, Unity Gain, 100k���load
0.0
0.5
1.0
1.5
0
20
40
60
80
100
120
Top=+25�
Top=+85�
CMRR-Vcm [Vdd=1.5V]
Vcm (V)
Top=-40�
Frequency=1Hz, Unity Gain, 100k���load
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
20
40
60
80
100
120
Top=+25�
Top=+85�
CMRR-Vcm [Vdd=3.0V]
Vcm (V)
Top=-40�
Frequency=1Hz, Unity Gain, 100k���load
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
20
40
60
80
100
120
Top=+25�
Top=+85�
CMRR-Vcm [Vdd=6.0V]
Vcm (V)
Top=-40�
Frequency=1Hz, Unity Gain, 100k���load
ELM822xA 1.5μA Very low power CMOS operational amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com