Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ELM822 Arkusz danych(PDF) 2 Page - ELM Technology Corporation

Numer części ELM822
Szczegółowy opis  1.5關A Very low power CMOS operational amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELM-TECH [ELM Technology Corporation]
Strona internetowa  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM822 Arkusz danych(HTML) 2 Page - ELM Technology Corporation

  ELM822 Datasheet HTML 1Page - ELM Technology Corporation ELM822 Datasheet HTML 2Page - ELM Technology Corporation ELM822 Datasheet HTML 3Page - ELM Technology Corporation ELM822 Datasheet HTML 4Page - ELM Technology Corporation ELM822 Datasheet HTML 5Page - ELM Technology Corporation ELM822 Datasheet HTML 6Page - ELM Technology Corporation ELM822 Datasheet HTML 7Page - ELM Technology Corporation ELM822 Datasheet HTML 8Page - ELM Technology Corporation ELM822 Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Rev.1.1
http://www.elm-tech.com
2
10 -
1
2
3
5
4
Pin No.
Pin name
1
OUT
2
VDD
3
IN+
4
IN-
5
VSS
ELM822xA
■Standard circuit
■Pin configuration
■Marking
Symbol
Mark
Content
a, b
5 A
ELM822BA (SOT-25)
> 0
ELM822CA (SC-70-5)
c
0 to 9 and A to Z
(I, O, X excepted.)
Lot No.
d
0 to 9 and A to Z
(I, O, X excepted.)
Lot No.
SOT-25
SC-70-5
ELM822xA 1.5μA Very low power CMOS operational amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com