Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EC734N60 Arkusz danych(PDF) 1 Page - E-CMOS Corporation

Numer części EC734N60
Szczegółowy opis  N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  E-CMOS [E-CMOS Corporation]
Strona internetowa  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC734N60 Arkusz danych(HTML) 1 Page - E-CMOS Corporation

  EC734N60 Datasheet HTML 1Page - E-CMOS Corporation EC734N60 Datasheet HTML 2Page - E-CMOS Corporation EC734N60 Datasheet HTML 3Page - E-CMOS Corporation EC734N60 Datasheet HTML 4Page - E-CMOS Corporation EC734N60 Datasheet HTML 5Page - E-CMOS Corporation EC734N60 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EC734N60
N-Channel Power MOSFET
C
o
n
v
e
r
t
e
r
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 6
4G22N-Rev.F001
Features
◆ 600V, 4A, RDS(ON)(Max.) = 2.4Ω @ VGS = 10V
◆ Low Crss
◆ Fast Switching
◆ 100 % Avalanche Tested
Applications
 Charger
 Standby Power.
ABSOLUTE MAXIMUM RATINGS (Tc = 25°C unless otherwise noted)
Symbol
Parameter
Limit
Unit
TO-220F
TO-251
TO-252
VDS
Drain
– Source Voltage a
600
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current-Continuous, TC =25 ℃
4
A
Drain Current-Continuous, TC =100 ℃
2.5
A
IDM
Drain Current-Pulsed
b
16
A
PD
Maximum Power Dissipation @ TJ =25 ℃
33
77
W
EAS
Single Pulsed Avalanche Energy
e
217
mJ
TJ, TSTG
Operating and Store Temperature Range
-55 to 150
Thermal Characteristics
Symbol
Parameter
Value
Unit
Rθ JC
Thermal Resistance, Junction-Case Max.
3.58
1.61
℃ /W
Rθ JA
Thermal Resistance, Junction-Ambient Max.
120
110
℃ /W


Podobny numer części - EC734N60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-CMOS Corporation
EC734606 E-CMOS-EC734606 Datasheet
205Kb / 5P
Complementary MOSFET
EC734606M1R E-CMOS-EC734606M1R Datasheet
205Kb / 5P
Complementary MOSFET
More results

Podobny opis - EC734N60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com