Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCMP384J22 Arkusz danych(PDF) 19 Page - World Produts Inc.

Numer części PCMP384J22
Szczegółowy opis  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WPI [World Produts Inc.]
Strona internetowa  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384J22 Arkusz danych(HTML) 19 Page - World Produts Inc.

Back Button PCMP384J22 Datasheet HTML 15Page - World Produts Inc. PCMP384J22 Datasheet HTML 16Page - World Produts Inc. PCMP384J22 Datasheet HTML 17Page - World Produts Inc. PCMP384J22 Datasheet HTML 18Page - World Produts Inc. PCMP384J22 Datasheet HTML 19Page - World Produts Inc. PCMP384J22 Datasheet HTML 20Page - World Produts Inc. PCMP384J22 Datasheet HTML 21Page - World Produts Inc. PCMP384J22 Datasheet HTML 22Page - World Produts Inc. PCMP384J22 Datasheet HTML 23Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
203
MOUNTING
NORMAL USE
The capacitors are designed for mounting on printed-circuit boards. The capacitors packed in bandoliers
are designed for mounting on printed-circuit boards by means of automatic insertion machines.
SPECIFIC METHOD OF MOUNTING TO WITHSTAND VIBRATIONAND SHOCK
. For pitches of 15 mm the capacitors shall be mechanically fixed by the leads
. For larger pitches the capacitors shall be mounted in the same way and the body clamped.
SPACE REQUIREMENTS ON PRINTED-CIRCUIT BOARD
The maximum length and width of film capacitors are shown in the following drawing ;
- Eccentricity as in drawing.
The maximum eccentricity is smaller than or equal to the lead diameter of the product concerned.
- Product height with seating plane as given by IEC 60717 as reference : hmax ≤ h+0.3mm
STORAGE TEMPERATURE
. Storage temperature : Tstg = -25 to +40
oC with RH maximum 80% without condensation.
Eccentricity
Imax = I +0.3 mm
b max = b + 0.3mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com