Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCMP384J22 Arkusz danych(PDF) 21 Page - World Produts Inc.

Numer części PCMP384J22
Szczegółowy opis  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WPI [World Produts Inc.]
Strona internetowa  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384J22 Arkusz danych(HTML) 21 Page - World Produts Inc.

Back Button PCMP384J22 Datasheet HTML 17Page - World Produts Inc. PCMP384J22 Datasheet HTML 18Page - World Produts Inc. PCMP384J22 Datasheet HTML 19Page - World Produts Inc. PCMP384J22 Datasheet HTML 20Page - World Produts Inc. PCMP384J22 Datasheet HTML 21Page - World Produts Inc. PCMP384J22 Datasheet HTML 22Page - World Produts Inc. PCMP384J22 Datasheet HTML 23Page - World Produts Inc. PCMP384J22 Datasheet HTML 24Page - World Produts Inc. PCMP384J22 Datasheet HTML 25Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
205
• Insulation Resistance
The insulation resistance is measured for 1min
±5s, at 100V for VRdc < 630V, at 500V for VRdc ≥ 630V
Between terminals :
C ≤ 0.33㎌ : R > 100 000 ㏁
C > 0.33㎌ : RC ≥ 30 000 s
• Rated Voltage Pulse Load Slope (dV/dt)R
For values see specific reference data. If the pulse voltage is lower than the rated voltage, the values of
the specific reference data must be multiplied by VRdc and divided by the applied voltage
Rated voltage pulse slope (V/㎲)
Rated voltage
P = 10.0 mm
P = 15.0 mm
P = 22.5 mm P = 27.5 mm
250 V
1000
550
250
-
400 V
1200
700
400
-
630V
1500
900
500
400
630 V ( VRac = 400V
~)
3000
2500
1500
900
800 V
-
3000
-
-
1000 V
4800
3300
2100
1200
1250 V
6000
4500
2500
1400
1600 V
8000
6000
3000
2000
2000 V ( VRac = 680V
~)
-
9500
3500
2300
2000 V ( VRac = 700V
~)
-
11000
-
-
2500 V
-
-
11000
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com