| Zakładka z wyszukiwarką danych komponentów |
|
CCR-39SX70-R Arkusz danych(PDF) 6 Page - Willow Technologies Ltd |
|
|
|||||||||||||||||||||||||||||
CCR-39SX70-R Arkusz danych(HTML) 6 Page - Willow Technologies Ltd |
|
6 / 10 page ![]() CCR-39 Page 6 SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE © 2013 TELEDYNE COAX SWITCHES CCR-39S\072013\Q3 Series CCR-39S Multi-Throw DC-12 GHz, SP7T & SP8T Latching Coaxial Switch COAX SWITCHES RF NOTES SP8T TRUTH TABLE Latching CCR-39SX8C-T Logic Input RF Path Indicator Switches 12345678 R J1 J2 J3 J4 J5 J6 J7 J8 Reset E F G H K L M N 100000000 On Off Off Off Off Off Off Off Off C 0000000 010000000 Off On Off Off Off Off Off Off Off 0 C 000000 001000000 Off Off On Off Off Off Off Off Off 0 0 C 00000 000100000 Off Off Off On Off Off Off Off Off 0 0 0 C 0000 000010000 Off Off Off Off On Off Off Off Off 0 0 0 0 C 000 000001000 Off Off Off Off Off On Off Off Off 0 0 0 0 0 C 00 000000100 Off Off Off Off Off Off On Off Off 000000 C 0 000000010 Off Off Off Off Off Off Off On Off 0 00 0000 C TRUTH TABLE Latching CCR-39SX8C-TD Logic Input RF Path Indicator Switches 1234 J1 J2 J3 J4 J5 J6 J7 J8 Reset E F G H K L M N 0000 On Off Off Off Off Off Off Off Off C 0000000 1000 Off On Off Off Off Off Off Off Off 0 C 000000 0100 Off Off On Off Off Off Off Off Off 0 0 C 00000 1100 Off Off Off On Off Off Off Off Off 0 0 0 C 0000 0010 Off Off Off Off On Off Off Off Off 0 0 0 0 C 000 1 0 1 0 Off Off Off Off Off On Off Off Off 0 0 0 0 0 C 00 0 1 1 0 Off Off Off Off Off Off On Off Off 000000 C 0 1 1 1 0 Off Off Off Off Off Off Off On Off 0 000000 C 0 0 0 1 Off Off Off Off Off Off Off Off Reset 0 0 0 0 0 0 0 0 1111 COIL OFF 0 0 0 0 0 0 0 0 |