| Zakładka z wyszukiwarką danych komponentów |
|
CCR-39SX70-R Arkusz danych(PDF) 4 Page - Willow Technologies Ltd |
|
|
|||||||||||||||||||||||||||||
CCR-39SX70-R Arkusz danych(HTML) 4 Page - Willow Technologies Ltd |
|
4 / 10 page ![]() CCR-39 Page 4 SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE © 2013 TELEDYNE COAX SWITCHES CCR-39S\072013\Q3 Series CCR-39S Multi-Throw DC-12 GHz, SP7T & SP8T Latching Coaxial Switch COAX SWITCHES SP7T TRUTH TABLE Latching CCR-39SX7C-T Logic Input RF Path Indicator Switches 1234567 R J1 J2 J3 J4 J5 J6 J7 Reset E F G H K L M 10000000 On Off Off Off Off Off Off Off C 000000 01000000 Off On Off Off Off Off Off Off 0 C 00000 00100000 Off Off On Off Off Off Off Off 0 0 C 0000 00010000 Off Off Off On Off Off Off Off 0 0 0 C 000 00001000 Off Off Off Off On Off Off Off 0000 C 00 00000100 Off Off Off Off Off On Off Off 00000 C 0 00000010 Off Off Off Off Off Off On Off 000000 C TRUTH TABLE Latching CCR-39SX7C-TD Logic Input RF Path Indicator Switches 1234 J1 J2 J3 J4 J5 J6 J7 Reset E F G H K L M 0000 On Off Off Off Off Off Off Off C 000000 1000 Off On Off Off Off Off Off Off 0 C 00000 0100 Off Off On Off Off Off Off Off 0 0 C 0000 1100 Off Off Off On Off Off Off Off 0 0 0 C 000 0010 Off Off Off Off On Off Off Off 0 0 0 0 C 00 1 0 1 0 Off Off Off Off Off On Off Off 00000 C 0 0 1 1 0 Off Off Off Off Off Off On Off 0 00000 C 1 1 1 0 Off Off Off Off Off Off Off Reset 0 0 0 0 0 0 0 1111 COIL OFF 0 0 0 0 0 0 0 |