Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7152 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7152
Szczegółowy opis  12-Bit Capacitance-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7152 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7152_17 Datasheet HTML 4Page - Analog Devices AD7152_17 Datasheet HTML 5Page - Analog Devices AD7152_17 Datasheet HTML 6Page - Analog Devices AD7152_17 Datasheet HTML 7Page - Analog Devices AD7152_17 Datasheet HTML 8Page - Analog Devices AD7152_17 Datasheet HTML 9Page - Analog Devices AD7152_17 Datasheet HTML 10Page - Analog Devices AD7152_17 Datasheet HTML 11Page - Analog Devices AD7152_17 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7152/AD7153
Data Sheet
Rev. A | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
0.05
0.04
0.03
0.02
0.01
0
0.01
0.02
0.03
0.04
0.05
–2
–1
0
1
2
CAPACITANCE (pF)
Figure 6. Capacitance Input Integral Nonlinearity,
VDD = 3.3 V, See Figure 34
–0.25
–0.20
–0.15
–0.10
–0.05
0.00
0.05
0.10
0.15
0.20
50
25
0
25
50
75
100
TEMPERATURE (°C)
TC ≈ 28ppm/°C
Figure 7. Capacitance Input Gain Drift vs. Temperature,
VDD = 3.3 V, Range = ±2 pF
–0.4
–0.2
0
0.2
0.4
–50
–25
0
25
50
75
100
TEMPERATURE (°C)
Figure 8. Capacitance Input Offset Drift vs. Temperature,
VDD = 3.3 V, CIN and EXC Pins Open Circuit
–12
–10
–8
–6
–4
–2
0
2
0
50
100
150
200
250
300
350
CAP LOAD TO GND (pF)
3pF
9pF
Figure 9. Capacitance Input Error vs. Capacitance Between CIN and GND;
Single-Ended Mode, CIN(+) to EXC = 3 pF and 9 pF, VDD = 3.3 V
–12
–10
–8
–6
–4
–2
0
2
0
50
100
150
200
250
300
350
CAP LOAD TO GND (pF)
2pF
8pF
Figure 10. Capacitance Input Error vs. Capacitance Between CIN and GND,
Differential Mode, CIN(+) to EXC = 2 pF and 8 pF,
CIN(−) to EXC = 0 pF and 6 pF, VDD = 3.3 V
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0
50
100
150
200
250
300
350
CAP LOAD TO GND (pF)
Figure 11. Capacitance Input Error vs. Capacitance Between EXC and GND,
Single-Ended Mode, CIN(+) to EXC = 9 pF, VDD = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com