Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE3835LF-24 Arkusz danych(PDF) 2 Page - Pasternack Enterprises, Inc.

Numer części PE3835LF-24
Szczegółowy opis  SMA Male to SMA Female Bulkhead Cable 24 Inch Length
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PASTERNACK [Pasternack Enterprises, Inc.]
Strona internetowa  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3835LF-24 Arkusz danych(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3835LF-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3835LF-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3835LF-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3835LF-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
SMA Female Bulkhead
Specification
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Connection Method
Standard
Standard
Contact Material and Plating
Brass, Gold
Gold
Contact Plating Specification
30µ in. Minimum
Dielectric Type
PTFE
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. Minimum
Hex Size
5/16 in
Torque
5 in-lbs [0.57 Nm]
[ ]
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. Minimum
.
Environmental Specifications
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/18/2012
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3835LF-24 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Male to SMA Female Bulkhead Cable 24 Inch Length Using RG316 Coax, RoHS
PE3835LF-24
SMA Male to SMA Female Bulkhead Cable
24 Inch Length Using RG316 Coax, RoHS
RF Cable Assemblies - PE3835LF-24



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com