Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE3835LF-24 Arkusz danych(PDF) 3 Page - Pasternack Enterprises, Inc.

Numer części PE3835LF-24
Szczegółowy opis  SMA Male to SMA Female Bulkhead Cable 24 Inch Length
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PASTERNACK [Pasternack Enterprises, Inc.]
Strona internetowa  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3835LF-24 Arkusz danych(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3835LF-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3835LF-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3835LF-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3835LF-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE3835LF
- xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3835LF-12 = 12 inches long cable
PE3835LF-100cm = 100 cm long cable
SMA Male to SMA Female Bulkhead Cable 24 Inch Length Using RG316 Coax, RoHS from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Male to SMA Female Bulkhead Cable 24 Inch Length Using RG316 Coax, RoHS
PE3835LF-24
URL: http://www.pasternack.com/sma-male-sma-female-rg316u-cable-assembly-pe3835lf-24-p.aspx
PE3835LF-24 REV
SMA Male to SMA Female Bulkhead Cable
24 Inch Length Using RG316 Coax, RoHS
RF Cable Assemblies - PE3835LF-24



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com