Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTM4602 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LTM4602_15 Datasheet

  • # Example questions: ➢ Describe the function of the 'run/ss' pin, including how it influences both the operation and shutdown of the ltm4602, and how additional capacitance connected to this pin impacts performance.
    ➢ What is the primary function of the 'fadj' pin and how does adjusting a resistor connected to it affect the ltm4602's operation?
    ➢ What are the minimum recommended capacitance values for each, and under what conditions are these values specified?

  • Part No.LTM4602_15
    ManufacturerLINER
    Size337 Kbytes
    Pages24 pages
    Description6A High Efficiency DC/DC Module
    Datasheet Summary with AI

    kész. The provided text contains a large amount of technical information about the LTM4602 power module. Here's a summary broken down into key areas, along with important details.

    1. Overview & Function:

    ️· What it is: The LTM4602 is a DC-DC power module (a pre-built power supply).
    ️· Purpose: It converts a higher DC voltage (4.5V to 20V) to a lower DC voltage (typically 1.5V) with a maximum output current of 6A.
    ️· Key Features: Synchronous rectification (for improved efficiency), adjustable switching frequency, forced continuous mode operation, power good indicator.

    2. Pin Functions (Important for Connections):

    ️· V IN: Input power pins. Requires input decoupling capacitors.
    ️· f ADJ: Sets the switching frequency. External resistors can be used to adjust this. The default is approximately 850kHz.
    ️· SV IN: Supply pin for the internal PWM controller. Decoupling recommended.
    ️· EXTV CC: Optional external 5V supply. Reduces losses when input voltage is high.
    ️· V OSET: Negative input of the error amplifier. Used to program different output voltages.
    ️· COMP: Current control threshold and error amplifier compensation point.
    ️· SGND: Signal ground pin.
    ️· RUN/SS: Run/Soft-Start control. Shutdown control and soft-start timing.
    ️· FCB: Forced Continuous/Discontinuous Mode selection.
    ️· PGOOD: Power Good indicator. Signals when the output voltage is within acceptable limits.
    ️· PGND: Power ground pins.
    ️· V OUT: Output power pins. Requires output decoupling capacitors.

    3. Operational Modes:

    ️· Forced Continuous Mode: Enabled by grounding the FCB pin. Maintains continuous operation of the internal switch, minimizing component stress and improving transient response.
    ️· Discontinuous Conduction Mode: Enabled by tying FCB above 0.63V. Increases efficiency at light loads.

    4. Decoupling Requirements (Very Important for Stability):

    ️· Input Capacitor (CIN): External capacitor is needed on the input. Recommended value is approximately 20 μF (or more).
    ️· Output Capacitor (COUT): External capacitor is needed on the output. Recommended value is approximately 100-200 μF (or more). See Application Information for specifics.

    5. Block Diagram and Summary of Features:

    ️· The block diagram provides a visual overview of the module’s internal components.
    ️· Synchronous rectification is used for higher efficiency.

    Important Considerations & Notes from the Text:

    ️· Soft Start: The module includes a built-in soft start feature. Additional capacitance can be added between the RUN/SS pin and SGND to extend the soft start time.
    ️· Frequency Adjustment: The fADJ pin allows for adjusting the switching frequency using external resistors.
    ️· Safety: Connect PGND to SGND at a single point.
    ️· Application Information: More detailed information on capacitor selection, frequency adjustment, and other application-specific considerations is provided in the Application Information section (not included here).

    kész. The provided text contains a large amount of technical information about the LTM4602 power module. Here's a summary broken down into key areas, along with important details.

    1. Overview & Function:

    ️· What it is: The LTM4602 is a DC-DC power module (a pre-built power supply).
    ️· Purpose: It converts a higher DC voltage (4.5V to 20V) to a lower DC voltage (typically 1.5V) with a maximum output current of 6A.
    ️· Key Features: Synchronous rectification (for improved efficiency), adjustable switching frequency, forced continuous mode operation, power good indicator.

    2. Pin Functions (Important for Connections):

    ️· V IN: Input power pins. Requires input decoupling capacitors.
    ️· f ADJ: Sets the switching frequency. External resistors can be used to adjust this. The default is approximately 850kHz.
    ️· SV IN: Supply pin for the internal PWM controller. Decoupling recommended.
    ️· EXTV CC: Optional external 5V supply. Reduces losses when input voltage is high.
    ️· V OSET: Negative input of the error amplifier. Used to program different output voltages.
    ️· COMP: Current control threshold and error amplifier compensation point.
    ️· SGND: Signal ground pin.
    ️· RUN/SS: Run/Soft-Start control. Shutdown control and soft-start timing.
    ️· FCB: Forced Continuous/Discontinuous Mode selection.
    ️· PGOOD: Power Good indicator. Signals when the output voltage is within acceptable limits.
    ️· PGND: Power ground pins.
    ️· V OUT: Output power pins. Requires output decoupling capacitors.

    3. Operational Modes:

    ️· Forced Continuous Mode: Enabled by grounding the FCB pin. Maintains continuous operation of the internal switch, minimizing component stress and improving transient response.
    ️· Discontinuous Conduction Mode: Enabled by tying FCB above 0.63V. Increases efficiency at light loads.

    4. Decoupling Requirements (Very Important for Stability):

    ️· Input Capacitor (CIN): External capacitor is needed on the input. Recommended value is approximately 20 μF (or more).
    ️· Output Capacitor (COUT): External capacitor is needed on the output. Recommended value is approximately 100-200 μF (or more). See Application Information for specifics.

    5. Block Diagram and Summary of Features:

    ️· The block diagram provides a visual overview of the module’s internal components.
    ️· Synchronous rectification is used for higher efficiency.

    Important Considerations & Notes from the Text:

    ️· Soft Start: The module includes a built-in soft start feature. Additional capacitance can be added between the RUN/SS pin and SGND to extend the soft start time.
    ️· Frequency Adjustment: The fADJ pin allows for adjusting the switching frequency using external resistors.
    ️· Safety: Connect PGND to SGND at a single point.
    ️· Application Information: More detailed information on capacitor selection, frequency adjustment, and other application-specific considerations is provided in the Application Information section (not included here).

    Part No.LTM4602_15
    ManufacturerLINER
    Size337 Kbytes
    Pages24 pages
    Description6A High Efficiency DC/DC Module