Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTM4602 Arkusz danych(PDF) 13 Page - Linear Technology

Numer części LTM4602
Szczegółowy opis  6A High Efficiency DC/DC Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTM4602 Arkusz danych(HTML) 13 Page - Linear Technology

Back Button LTM4602_15 Datasheet HTML 9Page - Linear Technology LTM4602_15 Datasheet HTML 10Page - Linear Technology LTM4602_15 Datasheet HTML 11Page - Linear Technology LTM4602_15 Datasheet HTML 12Page - Linear Technology LTM4602_15 Datasheet HTML 13Page - Linear Technology LTM4602_15 Datasheet HTML 14Page - Linear Technology LTM4602_15 Datasheet HTML 15Page - Linear Technology LTM4602_15 Datasheet HTML 16Page - Linear Technology LTM4602_15 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTM4602
13
4602fa
Enable
The RUN/SS pin can be driven from logic as shown in
Figure 5. This function allows the LTM4602 to be turned
on or off remotely. The ON signal can also control the
sequence of the output voltage.
Figure 5. Enable Circuit with External Logic
Figure 6. Output Voltage Tracking with the LTC2923 Controller
Output Voltage Tracking
For the applications that require output voltage tracking,
several LTM4602 modules can be programmed by the
power supply tracking controller such as the LTC2923.
Figure 6 shows a typical schematic with LTC2923. Coin-
cident, ratiometric and offset tracking for VOUT rising and
falling can be implemented with different sets of resistor
values. See the LTC2923 data sheet for more details.
EXTVCC Connection
An internal low dropout regulator produces an internal 5V
supply that powers the control circuitry and FET drivers.
Therefore, if the system does not have a 5V power rail,
the LTM4602 can be directly powered by VIN. The gate
driver current through LDO is about 18mA. The internal
LDO power dissipation can be calculated as:
PLDO_LOSS = 18mA • (VIN – 5V)
The LTM4602 also provides an external gate driver volt-
age pin EXTVCC. If there is a 5V rail in the system, it is
recommended to connect EXTVCC pin to the external 5V
rail. Whenever the EXTVCC pin is above 4.7V, the inter-
nal 5V LDO is shut off and an internal 50mA P-channel
switch connects the EXTVCC to internal 5V. Internal 5V is
supplied from EXTVCC until this pin drops below 4.5V. Do
not apply more than 6V to the EXTVCC pin and ensure that
EXTVCC < VIN. The following list summaries the possible
connections for EXTVCC:
1. EXTVCC grounded. Internal 5V LDO is always powered
from the internal 5V regulator.
2. EXTVCC connected to an external supply. Internal LDO
is shut off. A high efficiency supply compatible with the
MOSFET gate drive requirements (typically 5V) can im-
prove overall efficiency. With this connection, it is always
required that the EXTVCC voltage can not be higher than
VIN pin voltage.
Discontinuous Operation and FCB Pin
The FCB pin determines whether the internal bottom
MOSFET remains on when the inductor current reverses.
There is an internal 4.75k pull-down resistor connecting
this pin to ground. The default light load operation mode
is forced continuous (PWM) current mode. This mode
provides minimum output voltage ripple.
In the application where the light load efficiency is im-
portant, tying the FCB pin above 0.6V threshold enables
discontinuous operation where the bottom MOSFET turns
off when inductor current reverses. Therefore, the conduc-
RUN/SS
4602 F05
LTM4602
PGND
2N7002
SGND
ON
Q1
VCC
VIN
VIN
RONB
VIN
5V
RTB1
RTB2
RSET
49.9k
1.8V
3.3V
RTA2
RTA1
RONA
ON
RAMPBUF
TRACK1
TRACK2
FB1
GATE
LTC2923
GND
4602 F06
RAMP
RSET
66.5k
1.5V
LTM4602
VIN
VOUT
LTM4602
DC/DC
VIN
VOUT
VOSET
VOSET
FB2
SDO
STATUS
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com