Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTM4602 Arkusz danych(PDF) 24 Page - Linear Technology

Numer części LTM4602
Szczegółowy opis  6A High Efficiency DC/DC Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTM4602 Arkusz danych(HTML) 24 Page - Linear Technology

Back Button LTM4602_15 Datasheet HTML 16Page - Linear Technology LTM4602_15 Datasheet HTML 17Page - Linear Technology LTM4602_15 Datasheet HTML 18Page - Linear Technology LTM4602_15 Datasheet HTML 19Page - Linear Technology LTM4602_15 Datasheet HTML 20Page - Linear Technology LTM4602_15 Datasheet HTML 21Page - Linear Technology LTM4602_15 Datasheet HTML 22Page - Linear Technology LTM4602_15 Datasheet HTML 23Page - Linear Technology LTM4602_15 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTM4602
24
4602fa
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0807 REV A • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
1.8V, 6A Regulator
4602 TA04
C1, C2: TDK C3216X5R1E106MT
C3: TAIYO YUDEN, JMK316BJ226ML-T501
C4: SANYO POSCAP, 4TPE330MI
VOUT
1.8V AT 6A
VIN
4.5V TO 20V
R1
100k
EXTVCC
RUN
COMP
FCB
VOUT
PGOOD
VOSET
SVIN
PGND
SGND
C1
10μF
25V
C5
100pF
C4
330μF
4V
PGOOD
C3
22μF
VIN
LTM4602
fADJ
RSET
49.9k
1%
+
C2
10μF
25V
This product contains technology licensed from Silicon Semiconductor Corporation.
®
PART NUMBER
DESCRIPTION
COMMENTS
LTC2900
Quad Supply Monitor with Adjustable Reset Timer
Monitors Four Supplies; Adjustable Reset Timer
LTC2923
Power Supply Tracking Controller
Tracks Both Up and Down; Power Supply Sequencing
LT3825/LT3837
Synchronous Isolated Flyback Controllers
No Optocoupler Required; 3.3V, 12A Output; Simple Design
LTM4600
10A DC/DC μModule
10A Basic DC/DC Module
LTM4601
12A DC/DC μModule with PLL, Output Tracking/
Margining and Remote Sensing
Synchronizable, PolyPhase® Operation, LTM4601-1 Version has no Remote
Sensing, Fast Transient Response
LTM4603
6A DC/DC μModule with PLL and Output Tracking/
Margining and Remote Sensing
Synchronizable, PolyPhase Operation, LTM4603-1 Version has no Remote
Sensing, Fast Transient Response
PolyPhase is a registered trademark of Linear Technology Corporation.
TYPICAL APPLICATION
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com