Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTM4602 Arkusz danych(PDF) 17 Page - Linear Technology

Numer części LTM4602
Szczegółowy opis  6A High Efficiency DC/DC Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTM4602 Arkusz danych(HTML) 17 Page - Linear Technology

Back Button LTM4602_15 Datasheet HTML 13Page - Linear Technology LTM4602_15 Datasheet HTML 14Page - Linear Technology LTM4602_15 Datasheet HTML 15Page - Linear Technology LTM4602_15 Datasheet HTML 16Page - Linear Technology LTM4602_15 Datasheet HTML 17Page - Linear Technology LTM4602_15 Datasheet HTML 18Page - Linear Technology LTM4602_15 Datasheet HTML 19Page - Linear Technology LTM4602_15 Datasheet HTML 20Page - Linear Technology LTM4602_15 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTM4602
17
4602fa
Figure 18. Recommended PCB Layout
from VIN to fADJ. The on time is equal to tON = (VOUT/ION)
• 10pF and tOFF = ts – tON. The frequency is equal to: Freq.
= DC/tON. The ION current is proportional to VIN, and the
regulator duty cycle is inversely proportional to VIN, there-
fore the step-down regulator will remain relatively constant
frequency as the duty cycle adjustment takes place with
lowering VIN. The on time is proportional to VOUT up to a
2.4V clamp. This will hold frequency relatively constant
with different output voltages up to 2.4V. The regulator
switching period is comprised of the on time and off time
as depicted in Figure 19.
VIN
PGND
TOP LAYER
VOUT
4600 F16
LOAD
CIN
to ~1.2MHz for 3.3V, and ~1.7MHz for 5V outputs due
to Frequency = (DC/tON) When the switching frequency
increases to 1.2MHz, then the time period tS is reduced
to ~833 nanoseconds and at 1.7MHz the switching period
reduces to ~588 nanoseconds. When higher duty cycle
conversions like 5V to 3.3V and 12V to 5V need to be
accommodated, then the switching frequency can be
lowered to alleviate the violation of the 400ns minimum
off time. Since the total switching period is tS = tON + tOFF,
tOFF will be below the 400ns minimum off time. A resistor
from the fADJ pin to ground can shunt current away from
the on time generator, thus allowing for a longer on time
and a lower switching frequency. 12V to 5V and 5V to
3.3V derivations are explained in the data sheet to lower
switching frequency and accommodate these step-down
conversions.
Equations for setting frequency for 12V to 5V:
ION = (VIN – 0.7V)/110k; ION = 103μA
frequency = (ION/[2.4V • 10pF]) • DC = 1.79MHz;
DC = duty cycle, duty cycle is (VOUT/VIN)
tS = tON + tOFF, tON = on-time, tOFF = off-time of the
switching period; tS = 1/frequency
tOFF must be greater than 400ns, or tS – tON > 400ns.
tON = DC • tS
1MHz frequency or 1μs period is chosen for 12V to 5V.
tON = 0.41 • 1μs ≅ 410ns
tOFF = 1μs – 410ns ≅ 590ns
tON and tOFF are above the minimums with adequate guard
band.
Using the frequency = (ION/[2.4V • 10pF]) • DC, solve for
ION = (1MHz • 2.4V • 10pF) • (1/0.41) ≅ 58μA. ION current
calculated from 12V input was 103μA, so a resistor from
fADJ to ground = (0.7V/15k) = 46μA. 103μA – 46μA =
57μA, sets the adequate ION current for proper frequency
range for the higher duty cycle conversion of 12V to
5V. Input voltage range is limited to 9V to 16V. Higher
input voltages can be used without the 15k on fADJ. The
inductor ripple current gets too high above 16V, and the
400ns minimum off-time is limited below 9V.
tOFF
PERIOD ts
tON
4602 F19
(DC) DUTY CYCLE =
tON
ts
DC =
=
tON
ts
FREQ =
DC
tON
VOUT
VIN
Figure 19. LTM4602 Switching Period
The LTM4602 has a minimum (tON)ontimeof100nanosec-
onds and a minimum (tOFF) off time of 400 nanoseconds.
The 2.4V clamp on the ramp threshold as a function of
VOUT will cause the switching frequency to increase by the
ratio of VOUT/2.4V for 3.3V and 5V outputs. This is due to
the fact the on time will not increase as VOUT increases
past 2.4V. Therefore, if the nominal switching frequency
is 850kHz, then the switching frequency will increase
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com